PART |
Description |
Maker |
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TC650ACUA TC650ACV TC650ADUA TC651CGV TC650_04 TC6 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1Cel, SQUARE, SURFACE MOUNT Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
|
STMICROELECTRONICS[STMicroelectronics] http://
|
EUP2570 |
1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
|
Eutech Microelectronics Inc
|
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
MP3V5050V MP3V5050VC6T1 MP3V5050VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
LTC2450CDCTRPBF LTC2450IDCPBF LTC2450CDCPBF LTC245 |
Easy-to-Use, Ultra-Tiny 16-Bit Delta Sigma ADC; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO6 Easy-to-Use, Ultra-Tiny 16-Bit Delta Sigma ADC; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO6
|
Linear Technology, Corp.
|
EM4022V11WS11 EM4022V21WS11 EM4022 EM4022V10WS11 E |
Analog Miscellaneous Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols Enhanced Product (EP) 6.0A Dual Synchronous Buck Regulator with Integrated MOSFETs; Temperature Range: -55°C to 125°C; Package: 50-QFN 模拟杂项 Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: -40°C to 85°C; Package: 28-QFN 模拟杂项
|
EMMICRO[EM Microelectronic - MARIN SA] Vishay Intertechnology, Inc.
|
AT30TSE002A-14 |
Integrated Temperature Sensor with SEEPROM
|
ATMEL Corporation
|
MAX1979 |
Integrated Temperature Controllers for Peltier Modules
|
Maxim Integrated Produc...
|
TC653AEVUA TC653ACVUA |
Integrated femperature sensor & brushless DC fan controller with FanSense TM detect & over-temperature, temp. range 20C Integrated femperature sensor & brushless DC fan controller with FanSense TM detect & over-temperature, temp. range 10C
|
Microchip
|
MPXH6400A MPXH6400AC6U MPXH6400A6T1 MPXH6400A6U MP |
High Temperature Accuracy integrated Silicon Pressure Sensor
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc]
|
FDMF5820DC |
Smart Power Stage Module with Integrated Temperature Monitor
|
Fairchild Semiconductor
|