PART |
Description |
Maker |
MCP2510-/P MCP2510-/SO MCP2510-/ST MCP2510T-/SO MC |
Stand-Alone CAN Controller with SPIInterface Stand-Alone CAN Controller with SPI Interface Stand-Alone CAN Controller with SPI?/a> Interface 1 CHANNEL(S), 1M bps, LOCAL AREA NETWORK CONTROLLER, PDSO18 0.300 INCH, PLASTIC, SOIC-18 1 CHANNEL(S), 1M bps, LOCAL AREA NETWORK CONTROLLER, PDSO20
|
Microchip Technology Inc. Microchip Technology, Inc.
|
5962-8953101HXC |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 16位数字到模拟转换
|
Murata Power Solutions, Inc.
|
SAE81C90 SAE81C91 SAE81C91N SAE81C90N |
Stand Alone Full CAN Controller Stand-alone CAN - Standalone full CAN controller
|
Infineon
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
PCA8514 PCA8514P PCA8514T |
Stand-alone OSD
|
PHILIPS[Philips Semiconductors]
|
SCA121T |
Stand Alone Inclinometer
|
VTI[VTI technologies]
|
PCA82C200 PCA82C200P PCA82C200T |
STAND-ALONE CAN-CONTROLLER
|
PHILIPS[Philips Semiconductors]
|
MAS9078 |
Stand-alone am Receiver ic
|
Micro Analog Systems
|
PDSP16510AMA PDSP16510AMAAC1R PDSP16510AMAGCPR |
Stand Alone FFT Processor
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
FM1608 |
Parallel Stand Alone Family
|
ramtron
|