PART |
Description |
Maker |
ILCX08-BI0F18-20.000 ILCX08-BI0318-20.000 ILCX08-B |
4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm 4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
|
ILSI America LLC
|
ILCX05-BB0318-20.000 ILCX05-BB1318-20.000 ILCX05-B |
4 Pad Ceramic Package, 5.5 mm x 11.9 mm
|
ILSI America LLC
|
IL3X-HX5F12.5-32.768 |
2 Pad Ceramic Package, 1.5 mm x 3.2 mm
|
ILSI America LLC
|
ILCX13-GHD318-20.000 ILCX13-GHDF18-20.000 ILCX13-B |
4 Pad Ceramic Package, 2.5 mm x 3.2 mm 4 Pad Ceramic Package, 2.5 mm x 3.2 mm
|
ILSI America LLC
|
C-2-TYPE31.2000K-APBFREE C-2-TYPE31.2000KA-APBFREE |
QUARTZ CRYSTAL RESONATOR, 31.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 160 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.16 MHz - 0.165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032 MHz - 0.038 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 307.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.13 MHz - 0.16 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.0312 MHz - 0.04 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.038 MHz - 0.06 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 20 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.04 MHz - 0.09 MHz QUARTZ CRYSTAL RESONATOR, 0.02 MHz - 0.0312 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 40 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 90 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 120 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 60 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 74 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 130 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 33 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 100 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 38 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032768 MHz QUARTZ CRYSTAL RESONATOR, 0.074 MHz - 0.1 MHz QUARTZ CRYSTAL RESONATOR, 0.09 MHz - 0.13 MHz
|
Epson ToYoCom, Corp. EPSON TOYOCOM CORP
|
CX532Z-A1B2C450-45.0D20 CX532Z-A3B2C450-45.0D20 CX |
QUARTZ CRYSTAL RESONATOR, 45 MHz ROHS COMPLIANT, CERAMIC PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 12 MHz ROHS COMPLIANT, CERAMIC PACKAGE-2
|
Cardinal Components, Inc.
|
XYSBPCNANF-16 XYSBPINANF-26 |
QUARTZ CRYSTAL RESONATOR, 16 MHz ROHS COMPLIANT, CERAMIC PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 26 MHz ROHS COMPLIANT, CERAMIC PACKAGE-4
|
TAITIEN ELECTRONICS CO., LTD.
|
265-12.0M-20-S-TR |
2 Pad Quartz Crystal
|
Oscilent Corporation
|
CC1A-T1A10.0MHZ16.0PF/-100PPMTCQI CC1A-T1A10.0MHZ2 |
QUARTZ CRYSTAL RESONATOR, 10 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 10.1506 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 11.0592 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 18.432 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 12.288 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 20 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 13.56 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 17.7456 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 14.3181 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 16 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 24 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 16.384 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 10 MHz - 12 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 30 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 12 MHz ROHS COMPLIANT, CERAMIC, SMD, 2 PIN QUARTZ CRYSTAL RESONATOR, 8 MHz - 10 MHz
|
Micro Crystal AG
|
GSX-433/P22NF44.0MHZ GSX-433/P22BF44.0MHZ GSX-433/ |
QUARTZ CRYSTAL RESONATOR, 44 MHz ROHS COMPLIANT, ULTRA MINIATURE, CERAMIC PACKAGE-4
|
Golledge Electronics, Ltd.
|
|