PART |
Description |
Maker |
ILCX09-GI1F18-20.000 ILCX09-HF3F18-20.000 ILCX09-B |
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
|
ILSI America LLC
|
ILCX08-BI0F18-20.000 ILCX08-BI0318-20.000 ILCX08-B |
4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm 4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
|
ILSI America LLC
|
ILCX03-BG3318-20.000 ILCX03-BG0F18-20.000 ILCX03-B |
2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm 2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
|
ILSI America LLC
|
ZTACV ZTACV-MX-20.000 ZTTCV-MX-20.000 |
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
|
ILSI America LLC
|
ZTA-MG ZTA-MT ZTA-MX |
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
|
ILSI America LLC
|
ZTT-MT-20.000 ZTT-MX-20.000 ZTT-MG-20.000 ZTA ZTA- |
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
|
ILSI America LLC
|
ILCX18-GHDF18-20.000 ILCX18-BI1F18-20.000 ILCX18-B |
4 Pad Ceramic Package, 2 mm x 2.5 mm 4 Pad Ceramic Package, 2 mm x 2.5 mm
|
ILSI America LLC
|
C-2-TYPE31.2000K-APBFREE C-2-TYPE31.2000KA-APBFREE |
QUARTZ CRYSTAL RESONATOR, 31.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 160 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.16 MHz - 0.165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032 MHz - 0.038 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 307.2 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.13 MHz - 0.16 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.0312 MHz - 0.04 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.038 MHz - 0.06 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 20 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.04 MHz - 0.09 MHz QUARTZ CRYSTAL RESONATOR, 0.02 MHz - 0.0312 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 165 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 40 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 90 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 120 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 60 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 74 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 130 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 33 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 100 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 38 MHz LEAD FREE PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 0.032768 MHz QUARTZ CRYSTAL RESONATOR, 0.074 MHz - 0.1 MHz QUARTZ CRYSTAL RESONATOR, 0.09 MHz - 0.13 MHz
|
Epson ToYoCom, Corp. EPSON TOYOCOM CORP
|
ECCM8-PA-10-25.000MTR ECCM8-PA-16-20.000M ECCM8-PA |
QUARTZ CRYSTAL RESONATOR, 25 MHz ROHS COMPLIANT, MINIATURE, CERAMIC PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 20 MHz ROHS COMPLIANT, MINIATURE, CERAMIC PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 27 MHz QUARTZ CRYSTAL RESONATOR, 24.576 MHz QUARTZ CRYSTAL RESONATOR, 16 MHz QUARTZ CRYSTAL RESONATOR, 26 MHz QUARTZ CRYSTAL RESONATOR, 30 MHz QUARTZ CRYSTAL RESONATOR, 32 MHz
|
Ecliptek, Corp. ECLIPTEK CORP
|
CX8V-T1A/M32.768KHZ/-100PPM CX8V-T1A32.768KHZ/-20P |
QUARTZ CRYSTAL RESONATOR, 0.032768 MHz MINIATURE, CERAMIC PACKAGE-2
|
Golledge Electronics, Ltd.
|
267-12.0M-20-S-TR |
2 Pad Quartz Crystal
|
Oscilent Corporation
|
|