PART |
Description |
Maker |
S29GL032A100BFIR10 S29GL032A100TFIR10 S29GL032A100 |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 64兆,32兆和16兆位3.0伏只页面模式闪存,含00纳米MirrorBit工艺技
|
Spansion Inc. Spansion, Inc.
|
AM75DL9608HGT70IT AM75DL9608HGT75IS AM75DL9608HGT7 |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 64兆位个M x 16位)2兆位米16位).0伏的CMOS只,同时作业闪存,和 64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Xilinx, Inc. Spansion, Inc.
|
AT45BR3214B AT45BR3214B-C1 |
32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
|
ATMEL Corporation
|
AT49LW080 AT49LW040 AT49LW040-33JC AT49LW040-33TC |
8-megabit and 4-megabit Firmware Hub Flash Memory
|
Atmel Corp.
|
S29CD016G0JFAA002 S29CD016G0JFAA012 S29CD016G0JFAA |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
S29GL064A11TFIR20 S29GL064A11TFIR22 S29GL016A10FAI |
4M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 100 ns, PDSO56 2M X 16 FLASH 3V PROM, 100 ns, PBGA56 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:48-TSOP; Memory Configuration:64K x 16; Memory Size:64MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 100 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
EN29F002 EN29F002N EN29F002T-70J EN29F002T-90TI EN |
2 Megabit (256K x 8-bit) Flash Memory 2 Megabit (256K x 8-bit) flach memory. Speed 90ns. 5.0V -10% for both read/write operation. With RESET function.
|
Eon Silicon Solution N.A. ETC[ETC]
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
EN71NS032A0 EN71NS032A0-9DCWP EN71NS032A0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71NS128C0 EN71NS128C0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
S29CD016G0MFFA202 S29CD016G0MFAA212 S29CD016G0JFAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位12k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位512k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80
|
Spansion Inc. Spansion, Inc.
|
AT49F008A-90CC AT49F008A-90CI AT49F008A-90TC AT49F |
90ns; 50mA; V(in): -0.6 to 6.25V; V(out): -0.6 to 0.6V; 8-megabit (1M x 8/512K x 16) falsh memory 70ns; 50mA; V(in): -0.6 to 6.25V; V(out): -0.6 to 0.6V; 8-megabit (1M x 8/512K x 16) falsh memory 120ns; 50mA; V(in): -0.6 to 6.25V; V(out): -0.6 to 0.6V; 8-megabit (1M x 8/512K x 16) falsh memory x8 Flash EEPROM x8闪存EEPROM x8/x16 Flash EEPROM
|
Atmel, Corp.
|