PART |
Description |
Maker |
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
11-141 20-141 12-141 18-141 14-141 5-141 5-141-W |
Terminal Block; Number of Positions:11; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:11; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:20; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:20; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:12; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:18; Pitch Spacing:0.375"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:18; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:14; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:14; Peak Reflow Compatible (260 C):No Terminal Block; Number of Positions:5; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:5; Peak Reflow Compatible (260 C):No
|
Cinch Connectors
|
38780-0103 38780-0106 38780-0105 38780-0120 38780- |
Terminal Block; Number of Positions:3; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:5; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:20; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 2 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:16; Pitch Spacing:0.438"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS SEMS 16 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS SEMS 20 ASY
|
Molex, Inc. MOLEX INC
|
1-1546018-0 2-1546018-0 2-1546018-2 2-1546018-1 2- |
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Tyco Electronics
|
54C |
Terminal Block; No. of Positions:5; Pitch Spacing:0.375"; Color:Chocolate Brown; Leaded Process Compatible:No; No. of Contacts:5; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
CINCH CONNECTORS
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.504.0055.0 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Gray; Current Rating:35A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 35 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
|