PART |
Description |
Maker |
1-102694-0 |
AMPMODU MT, RCPT ASSY, HIGH PRESSURE CONTACTS FOR 22-26 AWG WIRE SIZE
|
Tyco Electronics
|
5745781-2 5745781-3 5745781-4 5745781-6 5745781-7 |
RCPT ASSY, SIZE 1, 9 POSN, RTANG, AMPLIMITE HD-20, WITH METAL SHELL, WITH OR WITHOUT SCREWLOCKS OR INSERTS
|
Tyco Electronics
|
5745783-2 5745783-3 5745783-4 5745783-5 5745783-6 |
RCPT ASSY, SIZE 3, 25 POSN, RTANG, AMPLIMITE HD-20, WITH METAL SHELL, WITH OR WITHOUT SCREWLOCKS OR INSERTS
|
Tyco Electronics
|
74320-9000 |
DVI D RA RCPT ASSY 30 SAU 24 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
536511-2 536511-5 536511-4 536511-3 536511-1 53651 |
RCPT. ASSY, SIGNAL MODULE, Z-PACK 2mm FB 4 ROW, 3.55mm PRESS FIT LEAD LENGTH
|
Tyco Electronics
|
1-103688-0 103688-1 1-103688-1 103688-2 103688-3 1 |
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 CL, FOR 22-26 AWG WIRE SIZE, STRIP FORM
|
Tyco Electronics
|
6-103976-1 |
RCPT ASSY, AMPMODU MTE, SINGLE ROW, .100 C/L, FOR NOS22-NOS26 AWG WIRE SIZE, STRIP FORM
|
Tyco Electronics
|
1-1218291-0 |
Subminiature D Pin/Socket Connectors for MIL-C-24308 and MIL-C-39029; AMPLI,ASSY,RCPT,POSTED,109,5 ( AMP )
|
Tyco Electronics
|
15-45-3270 15-45-3340 15-45-3330 15-45-3372 15-45- |
CGrid VT SMT Rcpt Tin 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 30 SAu 40Ckt 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 30 SAu 30Ckt 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 30 SAu 72Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 15 SAu 56Ckt 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 15 SAu 60Ckt 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt Tin 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt Tin 68Ckt CGrid VT SMT Rcpt Tin 64Ckt CGrid VT SMT Rcpt Tin 14Ckt
|
Molex, Inc. MOLEX INC
|
WP1002HD |
1.1x3.4mm RECTANGULAR SOLID LAMP
|
Kingbright Corporation
|
L-1002YD L-1002 L-1002GD L-1002HD L-1002ID |
1.1x3.4mm RECTANGULAR SOLID LAMPS
|
KINGBRIGHT[Kingbright Corporation]
|
44475-1811 44475-0621 44475-1011 44475-2411 44475- |
MiniFit HCS Rcpt Hdr DR V-2 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-0 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 24Ckt 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 4Ckt 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
|