PART |
Description |
Maker |
M20-E020446 |
2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 4 4-way - twin beam contact 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M20-E041046 |
2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 10 10-way - tuning fork contact 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M50-350XXXX |
1.27MM PITCH DIL VERTICAL PIN HEADER
|
Harwin Plc
|
M402F2-8005R |
0.5mm Pitch DIL Vertical SMT Female Assembly
|
Harwin
|
M20-8762442 |
2.54mm Pitch DIL SMT Pin Header, selective gold tin, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
TE Connectivity, Ltd.
|
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
M20-9491245 M20-9490745 |
2.54mm Pitch DIL Horizontal Shrouded PC Tail Pin Header, gold (hi-temp mould), 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal Shrouded PC Tail Pin Header, gold (hi-temp mould), 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M50-3502742 HARWININC-M50-3501942 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, selective gold tin, 27 27-way 54 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M50-360-142 M50-36011 M50-3601142 M50-3603042 |
1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M22-2022646 M22-2023905 M22-2023046 M22-2020205 M2 |
2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 26 26-way 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39 39-way 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 29 29-way 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 12 12-way 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC Ecliptek, Corp.
|
M22-5321005P M22-5320205P M22-5321505P M22-5320705 |
2.00mm Pitch DIL Vertical SMT Pin Header, gold, pick & place (tube packing), 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch DIL Vertical SMT Pin Header, gold, pick & place (tube packing), 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch DIL Vertical SMT Pin Header, gold, pick & place (tube packing), 15 15-way 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch DIL Vertical SMT Pin Header, gold, pick & place (tube packing), 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch DIL Vertical SMT Pin Header, tin, pick & place (tube packing), 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch DIL Vertical SMT Pin Header, gold, pick & place (tube packing), 12 12-way 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch DIL Vertical SMT Pin Header, tin, pick & place (tube packing), 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
|