PART |
Description |
Maker |
FAN21SV06EMPX12 FAN21SV06MPX12 FAN21SV0612 |
TinyBuck 6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
|
Fairchild Semiconductor
|
FAN21SV04 FAN21SV04EMPX FAN21SV04MPX |
TinyBuck?/a> 4A, 24V Single-Input Integrated Synchronous Buck Regulator TinyBuck垄芒 4A, 24V Single-Input Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
FAN21SV04EMPX12 FAN21SV04MPX12 FAN21SV0412 |
TinyBuck 4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
QS40.241 |
24V, 40A, SINGLE PHASE INPUT
|
PULS GmbH
|
CS10.243 |
24V, 10A, SINGLE PHASE INPUT
|
PULS GmbH
|
LTC2335HLX-16PBF |
16-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2348-18-15 |
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-053R6ZH52M P8SG-0505ZH52M P8SG-247R2ZH52M |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-7.2V ( /-100mA), 5.2KV isolated 1.5W regulated single output
|
PEAK electronics
|
BUV48 BUV48A |
RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 1W; Pot-Core Transformer - separated RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated SITCHMODE II Series NPN Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
CT10.241 |
24V, 10A, THREE PHASE INPUT
|
PULS GmbH
|