Part Number Hot Search : 
USD750C 90110 CSD2490 BAT54AW BAS16S CJ26A SLA5007 DA05CP
Product Description
Full Text Search
  synchronization Datasheet PDF File

For synchronization Found Datasheets File :: 12828    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HY5S7B2ALFP-6 HY5S7B2ALFP-H HY5S7B2ALFP-S

Hynix Semiconductor
Part No. HY5S7B2ALFP-6 HY5S7B2ALFP-H HY5S7B2ALFP-S
OCR Text ... type of DRAM which operates in synchronization with input clock. The Hynix Mobile SDRAM latch each control signal at the rising edge of a basic input clock (CLK) and input/output data in synchronization with the input clock (CLK). The addr...
Description 512M (16Mx32bit) Mobile SDRAM

File Size 1,068.04K  /  53 Page

View it Online

Download Datasheet





    STBB1-APUR

STMicroelectronics
Part No. STBB1-APUR
OCR Text ... . . . . . . . 10 6.3 external synchronization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 6.4 enable pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ....
Description 1 A, high efficiency single inductor dual mode buck-boost DC-DC converter

File Size 1,520.17K  /  22 Page

View it Online

Download Datasheet

    STBB1-33PUR STBB1-28PUR

STMICROELECTRONICS
Part No. STBB1-33PUR STBB1-28PUR
OCR Text .... . . . . . . . 9 6.3 external synchronization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 6.4 enable pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ....
Description DC-DC REG PWR SUPPLY MODULE

File Size 1,427.08K  /  21 Page

View it Online

Download Datasheet

    OKI SEMICONDUCTOR CO., LTD.
Part No. MSM7661
OCR Text ...n filter is used). input signal synchronization can lock synchronization and color burst at high speed through internal digital processing. features (? indicates a new feature compared with msm7660) ? input video signals include the followi...
Description NTSC/PAL Digital Dencoder(NTSC/PAL?跺??板?璇????

File Size 298.65K  /  40 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STV3208
OCR Text ...ection 14 dsync i/o pixel block synchronization signal 17 s/d input single/double precision selection 18 f/i input fdct/idct selection 19 oe input output three-state control 21 clk input clock signal 22 en input clock enable signal 23 test ...
Description 8 x 8 DISCRETE COSINE TRANSFORM

File Size 183.28K  /  17 Page

View it Online

Download Datasheet

    AM79761 AM79761YC-10 AM79761YC-14

AMD[Advanced Micro Devices]
Part No. AM79761 AM79761YC-10 AM79761YC-14
OCR Text ...s no external components n Word synchronization Function (Comma Detect) n Low Power Operation - 700 mW typical n 64-pin Standard PQFP -- 14 x 14 mm (0 C - 70 C) -- 10 x 10 mm (0 C - 50 C) n 125 MHz TTL Reference Clock n Loopback Diagnostic ...
Description Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY⑩-SD)
Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY-SD)

File Size 124.63K  /  20 Page

View it Online

Download Datasheet

    POWER-ONE INC
Part No. NGL16.5-48V3.3V
OCR Text ... fixed frequency (270 khz) synchronization to external secondary clock undervoltage lockout (uvlo) operating amb.temperature - 40/+85c with no derating no forced cooling needed ul, csa, ce approval s pending ...
Description 1-OUTPUT 16.5 W DC-DC REG PWR SUPPLY MODULE

File Size 161.03K  /  9 Page

View it Online

Download Datasheet

    BCM3341

Broadcom Corporation.
ETC
Part No. BCM3341
OCR Text ...and voice applications. * Grant synchronization engine: A voice packetization scheduler that synchonizes the voice packets with the DOCSIS grant slots, potentially saving 10-20 ms of VoIP packet delay, providing higher voice quality. * I...
Description SINGLE CHIP 2 LINE VOLP BROADBAND IC

File Size 154.16K  /  2 Page

View it Online

Download Datasheet

For synchronization Found Datasheets File :: 12828    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of synchronization

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.541069984436