PART |
Description |
Maker |
AAT4282BIPS-3-T1 |
Slew Rate Controlled Load Switch
|
Skyworks Solutions Inc.
|
AAT4280AIJS-4-T1 AAT4280A-1 AAT4280A-2 AAT4280A-3 |
Slew Rate Controlled Load Switch
|
Advanced Analogic Technologies http://
|
SIP32413 SIP32413DNP-T1-GE4 SIP32414 SIP32414DNP-T |
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
|
Vishay Siliconix
|
AAT4252A-3 AAT4252A |
Dual Slew Rate Controlled Load Switch
|
ANALOGICTECH[Advanced Analogic Technologies]
|
SIP4282 SIP4282-1-T1-E3 SIP4282-3-T1-E3 SIP4282DVP |
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
|
http:// Vishay Siliconix
|
APL3222HAI-TRG |
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
|
Anpec Electronics Corop...
|
AP2280-1FMG-7 AP228009 AP2280-2WG-7 AP2280-1WG-7 A |
Single Channel Slew Rate Controlled Load Switch SPECIALTY TELECOM CIRCUIT, PDSO5 GREEN, SOT-25, 5 PIN
|
Diodes Incorporated Diodes, Inc.
|
LT3439EFE LT3439 LT3439EFEPBF LT3439EFETRPBF |
Slew Rate Controlled Ultralow Noise 1A Isolated DC/DC Transformer Driver; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1.65 A SWITCHING REGULATOR, 250 kHz SWITCHING FREQ-MAX, PDSO16 Slew Rate Controlled Ultralow Noise1A Isolated DC/DC Transformer Driver Microprocessor Crystal; Frequency:27MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
|
Linear Technology, Corp. Linear Technology Corporation
|
MAX1482 MAX1482CPD MAX1482CSD MAX1482EPD MAX1482ES |
20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers 20A / 1.8-Unit-Load / Slew-Rate-Limited RS-485 Transceivers Low Power, Slew-Rate-Limited RS-485 Transceivers(250kbps锛????伐锛?S-485?跺??? Low Power, Slew-Rate-Limited RS-486 Transceivers(250kbps锛????伐锛?S-485?跺???
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
AAT4285 |
12V Slew Rate Controller Load Switch
|
Analogic Corporation
|