PART |
Description |
Maker |
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-5L15005MC M80-5L10442MC M80-5L15022MC M80-5L10 |
DATAMATE J-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-5504822 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 24 24-way 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5520642 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, no jackscrews, 3 3-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, JACK
|
TE Connectivity, Ltd.
|
M80-8161005 M80-8161205 |
Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG
|
Harwin PLC
|
M80-5601046 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-9424205 |
Datamate J-Tek DIL Male Small Bore Crimp Connector, gold, with hoods jackscrews, 21 21-way 42 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5822646 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with reverse fix Hex socket jackscrews, 13 13-way 26 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5132022 M80-5131222 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-4022001P M80-4021005P M80-4020605P M80-4024205 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with jackscrews, 10 10-way, pick & place cap 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 5 5-way, pick & place cap 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 3 3-way, pick & place cap 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 21 21-way, pick & place cap
|
Harwin PLC HARWIN INC
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
|