PART |
Description |
Maker |
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD5327ARU-REEL7 AD5307ARU AD5307BRUZ-REEL AD5307BR |
2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 400 muA, Quad Voltage Output 2.5 V to 5.5 V, 400 μA, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP 2.5 V to 5.5 V, 400 muA, Quad Voltage Output
|
Analog Devices, Inc.
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC2704CGW-14TR LTC2704CGW-12TR LTC2704CGW-16 LTC2 |
Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO44 Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO44 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback QUAD, SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO44 Quad 12-Bit Voltage Output SoftSpan DAC with Readback; Package: SSOP; No of Pins: 44; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO44
|
Linear Technology, Corp.
|
PM7226BRC/883 PM7226KP PM7226KN |
QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT 8-BIT DAC, CDIP20
|
Analog Devices, Inc.
|
AD5307ARU AD5327ARU AD5327ARU-REEL7 AD5317ARU-REEL |
2.5 V to 5.5 V, 400 µA, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP 2.5 V to 5.5 V, 400 µA, Quad Rail-To-Rail Output 12-Bit DAC 2.5 V to 5.5 V, 400µA, Quad Rail-To-Rail Output 10-Bit DAC
|
Analog Devices
|
MAX5302EUA MAX5302CUA MAX5302 MAX5302EUA-T MAX5302 |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface 低功耗2位、电压输出DAC,串行接 Low-Power, 12-Bit Voltage-Output DAC with Serial Interface SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power / 12-Bit Voltage-Output DAC with Serial Interface Low-Power 12-Bit Voltage-Output DAC with Serial Interface From old datasheet system Digital to Analog Converter - Datasheet Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
5962-8780201RA 5962-87802012A |
CMOS Quad 8-Bit Voltage Output DAC
|
Analog Devices
|
MAX527DEWG MAX526DMYG/883B MAX527DMYG/883B MAX526D |
Calibrated, Quad, Voltage-Output, 12-Bit DAC
|
MAXIM - Dallas Semiconductor
|
DAC8420FP DAC8420FQ DAC8420FS DAC8420 DAC8420EP DA |
Quad 12-Bit Serial Voltage Output DAC
|
AD[Analog Devices]
|
|