PART |
Description |
Maker |
LM2931 |
100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
|
ON Semiconductor
|
LM2931 LM2931A NCV2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection(100mA,可调输出,带有60V负载保护的低压差稳压
|
ON Semiconductor
|
GS1085CM GS1085CE GS1085CT3.3 |
IC VREG ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, POWER, TO-263AB, D2PAK-3/2, Adjustable Positive Single Output LDO Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Vishay Semiconductors
|
CS5206-5GT3 CS5206-1 CS5206-1GDP3 CS5206-1GDPR3 CS |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 6.0A Adjustable Output 6.0A, 5V Output 6.0A, 3.3V Output
|
DB Lectro, Inc. ONSEMI[ON Semiconductor]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
NCV4269PDR2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
ISL72991RHF/PROTO ISL72991RHQF ISL72991RHVX ISL729 |
CONNECTOR ACCESSORY 2.25 V-26 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, CDFP28 Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator 2.25 V-26 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, CDFP28 Cabinet Rack Front Panel; External Height:15.75"; External Width:19"; Enclosure Color:White; Enclosure Material:Aluminum; Weight:3.62lb; Thickness:0.12" 辐射加固负低压差可调稳压 Regulator, Neg Voltage LDO, Rad-Hard, Adjustable -2.25V to -26V
|
Intersil, Corp. Intersil Corporation
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
MAX4832 MAX4833 MAX4832EUT18D1 MAX4832ETT18D1 MAX4 |
3.0 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 From old datasheet system 100mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, 100 mA LDO regulator with current-limiting switch
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NCV8502D100R2 NCV8502PDW100R2 NCV8502DADJ NCV8502P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG 1.242 V-1.318 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
LNT1C104SEG LNT1A105SEG LNT1A473SEG LNT1C105SEG LN |
Single, Low Voltage, Rail-to-Rail Output Operational Amplifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 2 A, 30 V Schottky Rectifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 铝电解电容器 5 V ECL 4-Input OR/NOR 铝电解电容器 3-32 V Dual Operational Amplifier 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 3.3 V / 5 V ECL 4 Divider 铝电解电容器
|
Nichicon Corporation Nichicon, Corp.
|
|