PART |
Description |
Maker |
PDTA144W PDTA144WU PDTA144WE PDTA144WE115 PDTA144W |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 47 k楼?, R2 = 22 k楼?
|
Aero-Electric Connector, Inc. NXP Semiconductors N.V.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PDTA123YT215 PDTA123YE |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA144E PDTA144EE PDTA144EU PDTA144EU115 PDTA144E |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟
|
NXP Semiconductors N.V.
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMB14 PEMB14 |
PEMB14; PUMB14; PNP/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMB17 PUMB17 |
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
|
NXP Semiconductors
|
PEMB18-PUMB18-15 |
PNP/PNP resistor-equipped transistors; R1 = 4.7 k? R2 = 10 k?
|
NXP Semiconductors
|
PDTA143EEF PDTA143EU PDTA143E PDTA143EE PDTA143EK |
PDTA143E series; PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMB15 PUMB15 |
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW PNP-PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm
|
NXP Semiconductors
|
PEMB3 PEMB3_1 |
PNP resistor-equipped double transistor R1 = 4.7 kohm/ R2 = open PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|