PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
LPC2194 LPC2194JBD64 |
Single-chip 32-bit micro with CAN Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
PHILIPS[Philips Semiconductors]
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
H838600R H8_38600R HD64338600R |
Renesas 16-Bit Single-Chip Microcomputer 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
|
Renesas Electronics Corporation
|
UPD78062 UPD78062GCA-XXX-7EA UPD78062GC-XXX-7EA UP |
8-bit microcomputer 78K/0 incorporating LCD controller/driver 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit single-chip microcomputer
|
NEC
|
UPD17132GT-XXX UPD17133GT-XXX UPD17121GT-XXX UPD17 |
(UPD17120 - UPD17133) 4-Bit Single-Chip Microcontroller (UPD17133) 4 Bit Microcontroller 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER 4位单片机的小型通用红外遥控
|
NEC Corp. NEC Electronics NEC, Corp.
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|