PART |
Description |
Maker |
MMBD914B MMBD1401 MMBD1402 MMBD1403 MMBD1404 MMBD1 |
Surface mount switching diode. Max forward voltage 1.00V at 10mA. SURFACE MOUNT SWITCHING DIODES 表面贴装开关二极管 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Devic... Jinan Gude Electronic D...
|
SCS179W |
Surface Mount Switching Diode 0.2A 80V Surface Mount Switching Diode
|
SeCoS Halbleitertechnologie GmbH
|
CMLD2004 CMLD2004S CMLD2004A CMLD2004C CMLD2004DO |
SMD Switching Diode Dual: Common Cathode SMD Switching Diode Dual: Opposing Polarity SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
GDMBD2004 |
The GDMBD2004 is designed for ultra high speed switching SURFACE MOUNT,SWITCHING DIODE
|
E-Tech Electronics LTD GTM CORPORATION
|
1N4448HWT-7 1N4448HWT-13 |
SURFACE MOUNT FAST SWITCHING DIODE Switching Diodes
|
Diodes Incorporated
|
BAV23S-7-F BAV23C-7-F BAV23A-7-F |
SURFACE MOUNT SWITCHING DIODE 0.4 A, 250 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
1N4148W-7-F BAV16W-7-F |
SURFACE MOUNT FAST SWITCHING DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
M1MA142WKT1 M1MA141WK M1MA141WKT1 ON0326 M1MA141WK |
From old datasheet system SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT COMMON CATHODE DUAL SWITCHING DIODE 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
1N4448W-7 1N4448W |
FAST SWITCHING SURFACE MOUNT DIODE 0.25 A, 75 V, SILICON, SIGNAL DIODE
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
BAV20WQ-7-F BAV21WQ-7-F BAV21W-7-F |
Switching Diodes SURFACE MOUNT SWITCHING DIODE
|
Diodes Incorporated
|
BAS16T-7-F BAW56T-7-F BAS16T09 BAV70T-7-F |
SURFACE MOUNT FAST SWITCHING DIODE 0.155 A, 85 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
http:// Diodes Incorporated Diodes, Inc.
|
1N4148WSQ-7-F DS30097 1N4148WS-7-F 1N4148WS-13-F |
Switching Diodes SURFACE MOUNT FAST SWITCHING DIODE SURFACE MOUNT FAST SWITCHING DIODE
|
Diodes Incorporated
|