PART |
Description |
Maker |
SF2038B-2 |
Designed for SDARS IF Receiver 76.500 MHz SAW Filter
|
RF Monolithics, Inc Murata Manufacturing Co...
|
SF2037C |
Designed for SDARS IF Receiver 76.500 MHz SAW Filter
|
RF Monolithics, Inc Murata Manufacturing Co...
|
SF2148B |
138.24 MHz SAW Filter Designed for TD-SCDMA Applications
|
Murata Manufacturing Co., Ltd. RF Monolithics, Inc
|
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
MM-1477-60 |
The MM-1477-60 filter is designed for use with large computer or motor installations where heavy current is drawn continuously
|
JMK Inc.
|
REC-10LA |
Precision Linear Transducers, Designed for Mount in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Designed for High Pressure Chamber of Small Cylinders, Equipped with Glass-Sealed Electrical Outputs
|
Vishay
|
P0502NL P0527NL P0429NL P0422NL P0420NL P0421NL P0 |
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
|
Pulse A Technitrol Company
|
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
PE-53112NL PE-53113NL PE-52626 |
Inductors Designed for National’s 50 kHz Simple Switcher Inductors Designed for Nationals 50 kHz Simple Switcher
|
Pulse A Technitrol Company
|
P1602ABLXX P0602ABLXX P3002AALXX P3002ABLXX P3002A |
The SIDACtor庐 Series Modified TO-220 are designed to protect baseband The SIDACtor? Series Modified TO-220 are designed to protect baseband
|
Littelfuse
|