PART |
Description |
Maker |
SSTL16877 SSTL16877DGG |
14-bit SSTL_2 registered driver with differential clock inputs
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SSTV16857 SSTV16857EV SSTV16857DGG SSTV16857DGV SS |
14-bit SSTL_2 registered driver with differential clock inputs
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
NB4L52MNR2G NB4L52MNG NB4L52_07 NB4L52 NB4L5207 |
2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
|
ONSEMI[ON Semiconductor]
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
5962R8755401BEA 5962R8755401S2A 5962R8755401B2A 59 |
1µA SOT23 Precision Shunt Voltage Reference 3-To-8-Line Demultiplexer Dual 1:5 Differential Clock Drivers with LVPECL Inputs and LVDS Outputs 3线复用器
|
Honeywell International, Inc.
|
MAX9310A MAX9310AEUP MAX9310AEUP-T MAX9310AEUPT |
1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs LOW SKEW CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO20
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
82P33714 |
Differential reference inputs
|
Integrated Circuit Syst...
|
MCP3304TI/P MCP3304TI/SL MCP3304TI/ST MCP3302I/P M |
The MCP3304 13-bit Analog to Digital Converter (ADC) features full differential inputs and low power consumption in a small package ... The MCP3302 13-bit Analog to Digital Converter (ADC) features full differential inputs and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
|
Microchip Technology Inc.
|
MAX9320EUA-T MAX9320AEKA-T |
2.25 V to 3.8 V, 1:2 differential LVPECL/LVECL/HSTL clock and data driver 1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers 9320 SERIES, LOW SKEW CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
NB4N111K |
3.3V Differential In 1:10 Differential Fanout Clock Driver
|
ON Semiconductor
|