PART |
Description |
Maker |
AQB1A2-ZT3/6VDC AQB1A1-ZT3/6VDC AQB1A2-ZT10/18VDC |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 43 X 9 MM, 24 MM HEIGHT, ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Panasonic, Corp.
|
PS12-1W PS12-1Y |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX PLASTIC PACKAGE-4 PS12 Series High Performance Solid State Relays
|
Mini-Circuits Tyco Electronics
|
G3PA-220B-VD-DC5-24 |
TRIGGER OUTPUT SOLID STATE RELAY
|
Omron Electronics, LLC
|
SF30DPS-H1-4 SF30DPS-H1-6 SF30DPS-M1-5 SF12DPS-H1- |
TRIGGER OUTPUT SOLID STATE RELAY
|
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
AQR10A1-S-Z4/6VDC AQR15A1-S-Z4/6VDC AQR10A1-Z18/28 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT PACKAGE-4
|
HIROSE ELECTRIC Co., Ltd.
|
CRYDOMCORP-D53DP50D A53DP50DPH |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
G3PA-420B-VD-2DC12-24 G3PA-430B-VD-2DC12-24 G3PA-2 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Omron Electronics LLC Orion Fans Omron Electronics, LLC
|
LH1546AABTR-E3 |
TRIGGER OUTPUT SOLID STATE RELAY, 5300 V ISOLATION-MAX
|
VISHAY SEMICONDUCTORS
|
G3PA-420B-VD-2DC12-24 G3PA-430B-VD-2DC12-24 G3PA-4 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Omron Electronics LLC Industrial Automation MITEQ, Inc. Omron Electronics, LLC
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
MP240D4-MS11 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc.
|