PART |
Description |
Maker |
M30-1202100 |
1.25mm Pitch DIL Female Crimp Housing, 21 21-way 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4655005 M80-4753405 M80-4651242A M80-4650642A |
50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, Extended Wall, gold clip gold shell, no jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Linear Technology, Corp. Harwin PLC HARWIN INC
|
M80-4863405 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip gold shell, with Hex Socket jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4635042 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with reverse fix jackscrews board mount, 25 25-way 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-9403442 M80-9402642 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 13 13-way
|
Harwin PLC HARWIN INC
|
M80-4661042 M80-4663405 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip tin shell, with jackscrews, 5 5-way 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip gold shell, with jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4633405 M80-4630642 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with reverse fix jackscrews board mount, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with reverse fix jackscrews board mount, 3 3-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
50516-8041 0505168041 |
1.25mm (.049) Pitch Pico-Gold Crimp Terminal, Reel 1.25mm (.049") Pitch Pico-Gold垄芒 Crimp Terminal, Reel
|
Molex Electronics Ltd.
|
0501258000 50125-8000 |
1.25mm (.049) Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Reel 1.25mm (.049") Pitch PicoBlade垄芒 Crimp Terminal 50125, 26-28 AWG, Reel
|
Molex Electronics Ltd.
|
22-56-6387 22-56-6207 22-56-6407 22-56-6187 |
CGrid SL Hsg Opt F DR 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp Housing; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female; Series:70450 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt F DR 40Ckt 22566187
|
Molex, Inc. MOLEX INC
|
50-37-5073 50-37-5123 50-37-5023 MOLEXINC-50-37-50 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1; Pitch Spacing:0.098" 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Connector Housing; Gender:Female; Number of Contacts:12; Series:5264-N SPOX(TM); Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Shroud:Yes 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HEADER CONNECTOR,CABLE MNT,PLUG,2 CONTACTS,0.098 PITCH 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|