PART |
Description |
Maker |
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
192990-3270 192990-3330 192990-0380 192990-3280 19 |
SOCKET PCB 6 WAY SOCKET PANEL 4 WAY PLUG FREE 6 WAY STRAIN RELIEF 4 WAY PLUG PCB 36 WAY PLUG FREE 9 WAY PLUG FREE 3 WAY PLUG FREE 4 WAY SOCKET PCB 2 WAY HEADER R/A 4 WAY Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output STRAIN RELIEF 6 WAY STRAIN RELIEF 24 WAY SOCKET PCB 4 WAY HEADER R/A 9 WAY SOCKET PCB 12 WAY PLUG PCB 6 WAY STRAIN RELIEF 12 WAY PLUG FREE 24 WAY HEADER 9 WAY SOCKET PCB 3 WAY HEADER R/A 3 WAY SOCKET PANEL 6 WAY HEADER R/A 6 WAY HEADER 6 WAY 插头2种方 PLUG FREE 10 WAY 插头免费10未来 SOCKET PCB 36 WAY 插座36未来 PLUG FREE 36 WAY 插头免费36未来 PLUG FREE 2 WAY 插头免费2种方 STRAIN RELIEF 3 WAY 应变消除3未来 PLUG PCB 24 WAY 插头24 SOCKET PANEL 3 WAY 插座面板3未来 PLUG PCB 12 WAY 插头2未来 SOCKET PANEL 24 WAY 插座面板24 SOCKET PANEL 12 WAY
|
Honeywell International, Inc. TE Connectivity, Ltd. ITT, Corp. Molex, Inc.
|
SL1015002-L-B SL1015002-L-A SL1210006-03-A SL12100 |
PLUG,DC,PWR,FEM,2.1X5.5x14.0MM 4.3x12.0MM STRAIN RELIEF,P205 STEREO PLUG,MALE,DC,3.5 METAL 4.4x13MM W/SPRING STRAIN RELIF Circuit Protection Thermistors
|
Ametherm, Inc
|
3B16-CUSTOM 3B16 3B16-00 3B16-01 3B16-15 |
Non-Isolated Strain Gage Input; 3 Hz Bandwidth Signal Conditioning Module Narrow Bandwidth Strain Gage Input
|
AD[Analog Devices] Analog Devices, Inc.
|
DK400-B10 DK400-B5 DKB5-10 DK100-B10 DK100-B5 DK20 |
DC Current transducer DK-B5/10 Box Frame Solenoid; Solenoid Duty Cycle:Continuous; Load Force:13-0.06/2-0.30 Ounce-Inch; Coil Resistance:36ohm; Operating Voltage:12V 直流电流传感DK-B5/10 DC Current transducer DK-B5/10 直流电流传感DK-B5/10
|
http:// LEM[LEM] LEM Components
|
MPR7000 |
EPC Class 0/1 and 0 in PCMCIA Type II Pkg. 的EPC Class 0 / 1和II型PCMCIA包装0
|
Electronic Theatre Controls, Inc.
|
MAX97002EWP |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Products
|
APA2606NAI-TRG |
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
|
Anpec Electronics Corop...
|
VKP |
Ceramic AC Capacitors, Class X1, 760VAC / Class Y1, 500VAC
|
Vishay
|
MPR5000 |
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna 多协议RFID读写模块的EPC Class 0 / 0级和天线与积分第二代
|
Electronic Theatre Controls, Inc.
|
F1740-410-3550 F1740-410-3558 F1740-322-3550 F1740 |
Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V 抑制电容器,(双极)电容器级X1/Y2交流275V/250V Suppression Capacitors/ (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|