Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
  strain Datasheet PDF File

For strain Found Datasheets File :: 4630    Search Time::1.204ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    5-1877845-2

Tyco Electronics
Part No. 5-1877845-2
OCR Text ... collet nut that provides cable strain relief, a mid-piece and overmold nut to allow overmolding, or a collet and flex relief nut to be used with a flex relief boot to provide strain and flex relief. The panel-mount receptacle assembly feat...
Description CPC Medical Connectors; Asy,Plg,5 P,80 D Key,Col 5.3-6.5,Blk,Grn ( Tyco Electronics )

File Size 586.37K  /  9 Page

View it Online

Download Datasheet





    OP11307 OP113ES-REEL OP113ES-REEL7 OP113ESZ OP113ESZ-REEL OP113ESZ-REEL7 OP213ESZ-REEL OP213ES-REEL OP213ES-REEL7 OP213E

Analog Devices, Inc.
Part No. OP11307 OP113ES-REEL OP113ES-REEL7 OP113ESZ OP113ESZ-REEL OP113ESZ-REEL7 OP213ESZ-REEL OP213ES-REEL OP213ES-REEL7 OP213ESZ OP213ESZ-REEL7 OP213FPZ OP213FS-REEL OP213FS-REEL7 OP213FSZ OP213FSZ-REEL OP213FSZ-REEL7 OP113FS-REEL OP113FS-REEL7 OP113FSZ
OCR Text ...IONS Digital scales Multimedia strain gages Battery-powered instrumentation Temperature transducer amplifier OUT D -IN D +IN D V- +IN C -IN C OUT C NC OUT A -IN A +IN A V- 1 2 3 4 OP213 8 7 6 5 V+ OUT B 00286-003 +IN A ...
Description Low Noise, Low Drift Single-Supply Operational Amplifier (Single); Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 225 uV OFFSET-MAX, 3.4 MHz BAND WIDTH, PDSO8
Low Noise, Low Drift Single-Supply Operational Amplifiers (Dual); Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 150 uV OFFSET-MAX, 3.4 MHz BAND WIDTH, PDSO8
Low Noise, Low Drift Single-Supply Operational Amplifier (Single); Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 125 uV OFFSET-MAX, 3.4 MHz BAND WIDTH, PDSO8

File Size 362.02K  /  24 Page

View it Online

Download Datasheet

    ADC-002 ADC-002-2 ADC-007 ADC-007-3 ADC-009 ADC-009-3 ADC-010 ADC-010-1 ADC-011 ADC-011-3 ADC-015 ADC-015-2 ADC-021 ADC-

Adam Technologies, Inc.
Part No. ADC-002 ADC-002-2 ADC-007 ADC-007-3 ADC-009 ADC-009-3 ADC-010 ADC-010-1 ADC-011 ADC-011-3 ADC-015 ADC-015-2 ADC-021 ADC-021-3 ADC-024 ADC-024-8 ADC-028 ADC-028-2 ADC-029 ADC-029-1 ADC-045A ADC-045A-1
OCR Text ...1 [3.60] DC POWER PLUG WITH strain RELEIF 1.260 [32.00] Z oX PLUG WITH strain RELIEF ADP-X/Y/Z-SR ADP-X/Y/Z-SR oY ADP-X/Y/Z-SR X o.039 [1.00] o.082 [2.10] o.098 [2.50] Y o.137 [3.50] o.216 [5.50] o.216 [5.50] Z .374 [9...
Description DC POWER JACKS PC BOARD AND PANEL MOUNT

File Size 202.15K  /  3 Page

View it Online

Download Datasheet

    JH4051I

List of Unclassifed Manufacturers
ETC
Part No. JH4051I
OCR Text strain GAUGE TRANSMITTER FEATURES * * * * * * * Input Spans as low as 0.4mV/V (at 10V excitation) Offset and Nonstandard Ranges Available Excitation Adjustable from 4 to 12V Input/Output Isolation is Standard Quick-Check Red/Green Outpu...
Description PLUG-N-PLAY strain GAUGE TRANSMITTER

File Size 91.05K  /  2 Page

View it Online

Download Datasheet

    MPXV12GW7U MPXV12GW6U

Freescale Semiconductor, Inc
Part No. MPXV12GW7U MPXV12GW6U
OCR Text ...y of Freescale's single element strain gauge design. MPX12 Series 0 to 10 kPa (0 to 1.45 psi) 55 mV Full Scale Span (Typical) Application Examples * * * * * * * * Air Movement Control Environmental Control Systems Level Indicators L...
Description 10 kPa Uncompensated Silicon Pressure Sensors

File Size 231.14K  /  14 Page

View it Online

Download Datasheet

    M3BMK-1618J

3M Electronics
Part No. M3BMK-1618J
OCR Text ...able (optional plastic or metal strain relief) 3000 series ? industry standard idc socket ? positive locking metal j clips provide high cover retention ? mates with 3m headers, plugs and pin strips for quick connect...
Description 3M Wiremount Socket

File Size 600.76K  /  4 Page

View it Online

Download Datasheet

    AD857107 AD8574AR-REEL AD8574AR-REEL7 AD8574ARU-REEL AD8571ARZ

Analog Devices
Part No. AD857107 AD8574AR-REEL AD8574AR-REEL7 AD8574ARU-REEL AD8571ARZ
OCR Text ...nsors Precision current sensing strain gage amplifiers Medical instrumentation Thermocouple amplifiers Figure 3. 8-Lead TSSOP (RU Suffix) Figure 4. 8-Lead SOIC (R Suffix) OUT A 1 -IN A 2 +IN A 3 V+ 4 +IN B 5 -IN B 6 OUT B 7 14 1...
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers

File Size 423.73K  /  24 Page

View it Online

Download Datasheet

    CCADP-MM-6 CCSMA1-MM-RG174-12 CCSMA1-MM-RG174-24 CCSMA1-MM-RG174-36 CCSMA1-MM-RG174-6 CCSMA2-MM-RG174-12 CCSMA2-MM-RG174

CRYSTEK CORPORATION
Part No. CCADP-MM-6 CCSMA1-MM-RG174-12 CCSMA1-MM-RG174-24 CCSMA1-MM-RG174-36 CCSMA1-MM-RG174-6 CCSMA2-MM-RG174-12 CCSMA2-MM-RG174-24 CCSMA2-MM-RG174-36 CCSMA2-MM-RG174-6 CCBNCCL-MC-30 CCSMACL-MC-24
OCR Text .../ 2.1mm Adapter Features: strain Relief: Adhesive shrink tubing over crimp area Center Conductor: 26 AWG bare copper covered steel Shielding: Tinned copper braid (90% coverage) Insulation: Polyethylene Jacket: Black PVC Operating Temp...
Description RG-174 RF Coax Cable Assemblies

File Size 395.98K  /  2 Page

View it Online

Download Datasheet

    MPX10 MPX1008 MPX10GP MPX10D MPX10DP MPXV10GC7U MPXV10GC6U

Freescale Semiconductor, Inc
Freescale Semiconductor...
Part No. MPX10 MPX1008 MPX10GP MPX10D MPX10DP MPXV10GC7U MPXV10GC6U
OCR Text ...y of Freescale's single element strain gauge design. MPX10 Series 0 to 10 kPa (0 to 1.45 psi) 35 mV Full Scale Span (Typical) Application Examples * * * * * * * * Air Movement Control Environmental Control Systems Level Indicators L...
Description 10 kPa Uncompensated Silicon Pressure Sensors

File Size 123.41K  /  9 Page

View it Online

Download Datasheet

    MS3102A14S-7S

Amphenol Corporation
Part No. MS3102A14S-7S
OCR Text ... f environmental resisting with strain relief (ms part num- ber only) r lightweight environmental resisting 4., 5. shell size and insert arrangement - see tables, pages 22?24. 6. contact types p designates pin contact s designates socket co...
Description MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors

File Size 1,915.91K  /  54 Page

View it Online

Download Datasheet

For strain Found Datasheets File :: 4630    Search Time::1.204ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of strain

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.88317918777466