PART |
Description |
Maker |
SMBG40 SMBG100 SMBG5.0 SMBG5.0A SMBG5.0A-E3_52 SMB |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SM15T7V5A SM15T30A SM15T36A SM15T39A SM15T200A SM1 |
TRANSILTM TRANSZORBSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩表面贴装瞬态电压抑制器 TRANSZORB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
ST Microelectronics GE Security, Inc. GE[General Semiconductor]
|
SMAJ5.0A SMAJ120 SMAJ8.5 SMAJ78A SMAJ8.0 SMAJ70 SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SMAJ40A SMAJ22 SMAJ9.0DC SMAJ9.0ADC SMAJ100 SMAJ8. |
1.2 mA surface mount transient voltage suppressor 1.5 mA surface mount transient voltage suppressor 1.6 mA surface mount transient voltage suppressor 1.7 mA surface mount transient voltage suppressor Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-29 RoHS Compliant: No Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:16-35 RoHS Compliant: No TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 技术参数表面贴装瞬态电压抑制器 Circular Connector; No. of Contacts:61; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-61 RoHS Compliant: No 1.9 mA surface mount transient voltage suppressor 1.3 mA surface mount transient voltage suppressor 1.1 mA surface mount transient voltage suppressor 1.0 mA surface mount transient voltage suppressor
|
DC Components Co., Ltd.
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
DFLT12A-7 DFLT22A-7 DFLT10A-7 DFLT30A-7 DFLT40A-7 |
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 225 W, UNIDIRECTIONAL, SILICON, TVS DIODE 225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 225W表面贴装瞬态电压抑制器
|
Diodes Inc. Diodes, Inc.
|
TPC27AHM3/87A TPC6.8 TPC6.8A TPC30 TPC8.2A TPC9.1A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-277A HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMPC, 3 PIN Surface Mount PAR Transient Voltage Suppressors Surface Mount PAR Transient Voltage Suppressors
|
Vishay Beyschlag Vishay Siliconix VISHAY SEMICONDUCTORS
|
SMBJ3V3-E3_52 SMBJ3V-E3/5B SMBJ3V3-E3/52 |
Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORBTransient Voltage Suppressors
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SACB7.0 SACB8.0 SACB8.5 SACB5.0 SACB30 SACB22 |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
MSPSMCGLCE17ATR JANMQSMCGLCE24ATR JANMQSMCJLCE24AT |
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500瓦的低电容表面贴装瞬态电压抑制器
|
Microsemi, Corp.
|