PART |
Description |
Maker |
76W-101 76W-102 76W-103 76W-104 76W-105 76W-203 76 |
LIN-compatable driver, 5.0V regulator., -40C to 85C, 8-MSOP, TUBE 12-bit ADC, SPI, dual channel, -40C to 85C, 8-SOIC 150mil, T/R 12-bit ADC, SPI, dual channel, -40C to 85C, 8-TSSOP, T/R TRIMMER 6.35MM CERMET EIN 100K 300V 0.5W 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-PDIP, TUBE 2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI™ Serial Interface, -40C to 85C, 14-TSSOP, TUBE 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, TUBE 5V, SINGLE CHANNEL, 10 BIT SERIAL A/D CONVERTER, -40C to 125C, 5-SOT-23, T/R TRIMMER 6.35MM CERMET EIN 500K 300V 0.5W TRIMMER 6.35MM CERMET EIN 5K 300V 0.5W 12-bit ADC, SPI, 4-channel, -40C to 85C, 14-SOIC 150mil, TUBE 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, T/R 10-bit ADC, SPI, 8-channel, -40C to 85C, 16-SOIC 150mil, TUBE 修边.35mm的艾500R 300V金属陶瓷.5W 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-PDIP, TUBE 修边.35mm的金属陶瓷艾10,000 300V.5W 10-bit ADC, SPI, 4-channel, -40C to 85C, 14-TSSOP, TUBE 修边.35mm的艾0000V金属陶瓷.5W
|
HIROSE ELECTRIC Co., Ltd. NXP Semiconductors N.V.
|
AD7914 AD7924BRU AD7904BRU AD7914BRU AD7904 AD7924 |
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP 4-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Universal LVDT Signal Conditioner 4-Channel, 1 MSPS, 8-Bit A/D Converter with Sequencer in 16-Lead TSSOP 4-Channel, 1 MSPS, 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP 4-Channel, 1 MSPS, 10-Bit A/D Converter with Sequencer in 16-Lead TSSOP
|
Analog Devices, Inc.
|
MAX1203BC/D MAX1202BC/D MAX1202AEPP MAX1202BCAP |
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Scan Test Devices With 18-Bit Bus Transceivers 56-SSOP -40 to 85 DIODE VOLTAGE SUPPRESSOR 170V 5v / 8-cHANNEL / sERIAL / 12-bIT adcS WITH 3v dIGITAL iNTERFACE
|
Maxim Integrated Products, Inc.
|
AT91M55800A |
The AT91M55800A features 8K bytes of on-chip SRAM, an External Bus Interface, a 6-channel Timer/Counter, 3 USARTs, a Master/Slave SPI Interface, a Watchdog Timer, an 8-channel 10-bit ADC, a 2-channel 10-bit DAC, a Clock Generator, Real-tim
|
Atmel
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
CS5543-KL CS5542 CS5542-KL CS5543 5542 CS5542/43 |
22-Bit, Multi-Channel Delta Sigma A/D Converter Chipset 22-Bit, Multi-Channel DS ADC Chip Set From old datasheet system
|
Cirrus Logic
|
KAD2708L-17 KAD2708L-21 KAD2708L-35 KAD2708L-27Q68 |
8-Bit, 350/275/210/170/105MSPS A/D Converter 8-Bit, 350MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 210MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 170MSPS Single-Channel ADC, LVDS Outputs
|
Intersil Corporation
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AD7992BRM-0 AD7992BRM-0REEL AD7992BRM-1 AD7992BRM- |
2-Channel, 12-Bit ADC with I2C-Compatible 2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Analog Devices, Inc.
|
AD8401CHIPS AD8401AR AD8401 |
8-Bit I/O Port 8-Bit/ 4-Channel Data Acquisition System 8-Bit, 4-Channel Data Acquisition System SPECIALTY ANALOG CIRCUIT, UUC28
|
Analog Devices, Inc.
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
|