|
1140-680K - CHOKE RF RADIAL 68UH 10% 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Leaded Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:No Leaded Choke; Series:1140; Inductance:560uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.125ohm; Leaded Process Compatible:No Leaded Choke; Series:1140; Inductance:39uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:21A; DC Resistance Max:0.012ohm; Leaded Process Compatible:No 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR |
|
|
|
Related Part Number | |||||||||||||||||||||||||||||||||||||||
|
|||||||||||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | |||||||||||||||||||||||||||||||||||||||
|
|||||||||||||||||||||||||||||||||||||||