PART |
Description |
Maker |
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
MHQ6001 MHQ6002 MPQ918 MHQ4002A MHQ4013 MHQ4014 MP |
NPN silicon quad memory driver transistor. 6367254 MOTOROLA SC (XSTRS/R F) NPN silicon quad amplifier transistor. PNP silicon quad transistor.
|
http:// MOTOROLA[Motorola, Inc]
|
PBSS2515VPN |
15 V low VCEsat NPN-PNP transistor 500 mA, 15 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR 15 V low VCE(sat) NPN/PNP transistor
|
NXP Semiconductors N.V.
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
2SC4615 2SA1772 2SA1772ETP-FA |
1000 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Planar Silicon Transistor for High-Voltage Driver Applications(高电压驱动器应用的PNP硅外延平面型晶体 进步党硅外延平面晶体管的高压驱动器应用(高电压驱动器应用的新进步党硅外延平面型晶体管 NPN Triple Diffused Planar Silicon Transistor High-Voltage Driver Applications PNP Epitaxial Planar Silicon Transistor High-Voltage Driver Applications
|
Sanyo Electric Co., Ltd.
|
RN4901FE |
Transistor Silicon PNP NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications. TOSHIBA Transistor Silicon PNP - NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
|
TOSHIBA[Toshiba Semiconductor]
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
ACY11 ACY14 ACY17 ACY18 ACY19 AC117 AC130 AC126 AC |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 500MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1.2A I(C) | TO-1 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 15V的五(巴西)总裁| 500mA的一(c)| TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 200MA I(C) 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 200mA的我(丙
|
Electronic Theatre Controls, Inc. IDEC, Corp.
|