PART |
Description |
Maker |
SBFP405B |
Ultrahigh-Frequency Transistors
|
SANYO
|
SBFP405D |
Ultrahigh-Frequency Transistors
|
SANYO
|
2SC5783 |
Ultrahigh-Frequency Transistors
|
SANYO
|
EC3H10B |
Ultrahigh-Frequency Transistors
|
SANYO
|
2SB1198 2SB1198K A5800312 2SB1198KQ |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | SC-59 From old datasheet system Low-frequency Transistor(-80V, -0.5A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low-frequency Transistor(-80V/ -0.5A)
|
ROHM[Rohm]
|
2SD2396 D2396 2SD2396H |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220VAR 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|20VAR Low Frequency Transistor (60V, 3A) Low Frequency Transistor (60V/ 3A)
|
PCA Electronics, Inc. Rohm CO.,LTD.
|
2SC1815 |
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
|
UTC
|
2SC4188 |
NPN Epitaxial Planar Silicon Transistor Ultrahigh-Definition CRT Display Video Output Applications
|
Sanyo
|
KSC1815 C1815 KSC1815O KSC1815Y KSC1815GR KSC1815L |
BOX 4.94 X 2.75 X .94 STD GRAY Audio Frequency Amplifier & High Frequency OSC NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
2SB1386 2SB1412 2SB1326 A5800356 2SB1436 |
From old datasheet system Low Frequency Transistor(-20V/-5A) Low Frequency Transistor(-20V,-5A) 低频晶体管(- 20V的,- 5A型)
|
Rohm Toshiba, Corp.
|
2SJ459 |
Ultrahigh-Speed Switching Applications Ultrahigh-Speed Switching Applications 超高速开关应 P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|