Part Number Hot Search : 
DB157G BUL39D MB9AF RN296 CEP803AL 74HC10DB 178M05 AM29DL4
Product Description
Full Text Search
  ultrahigh-frequency Datasheet PDF File

For ultrahigh-frequency Found Datasheets File :: 233    Search Time::6.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD9755-EB

Analog Devices
Part No. AD9755-EB
OCR Text ...e AD9755 is a dual, muxed port, ultrahigh speed, singlechannel, 14-bit CMOS DAC. It integrates a high quality 14-bit TxDAC+ core, a voltage ...Frequency* Specifications subject to change without notice. (TMIN to TMAX, AVDD = DVDD = PLLVDD ...
Description 14-Bit, 300 MSPS High Speed TxDAC ® D/A Converter

File Size 521.95K  /  28 Page

View it Online

Download Datasheet





    Sanyo
Part No. SMO1137V VOL54
OCR Text ...n converters, the SMO series of ultrahigh-frequency local oscillator modules, and Sanyo's GaAs varactor diodes to easily achieve low phase noise characteristics. The SMO1137V features a center frequency of 11.30 GHz with excellent frequency...
Description Voltage Controlled Local Oscillator (VCO) Modules
From old datasheet system

File Size 22.23K  /  3 Page

View it Online

Download Datasheet

    LT3080

Linear Technology
Part No. LT3080
OCR Text ultrahigh psrr linear regulator with vioc control the lt ? 3045-1 is a high performance low dropout linear regulator featuring ltc s ultr...frequency (hz) 10 2 for more information www.linear.com/lt3045-1 pin configuration absolute max...
Description 20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control

File Size 3,348.50K  /  36 Page

View it Online

Download Datasheet

    AD9755-EB

Analog Devices
Part No. AD9755-EB
OCR Text ...e AD9755 is a dual, muxed port, ultrahigh speed, singlechannel, 14-bit CMOS DAC. It integrates a high quality 14-bit TxDAC+ core, a voltage ...Frequency* Specifications subject to change without notice. (TMIN to TMAX, AVDD = DVDD = PLLVDD ...
Description 14-Bit 300 MSPS High Speed TxDAC ® D/A Converter

File Size 500.86K  /  29 Page

View it Online

Download Datasheet

    AD[Analog Devices]
Part No. AD9755ASTRL AD9755 AD9755AST AD9755-EB
OCR Text ...e AD9755 is a dual, muxed port, ultrahigh speed, singlechannel, 14-bit CMOS DAC. It integrates a high quality 14-bit TxDAC+ core, a voltage ...Frequency* Specifications subject to change without notice. (TMIN to TMAX, AVDD = DVDD = PLLVDD ...
Description 14-Bit, 300 MSPS High Speed TxDAC D/A Converter

File Size 496.17K  /  28 Page

View it Online

Download Datasheet

    SONY[Sony Corporation]
Part No. CXA2586
OCR Text Ultrahigh-Speed (100 MHz) Photodetector IC for CD-ROM and DVD-ROM Players CXA2586M Sony has created a photodetector IC product for use a...Frequency [Hz] s Figure 4-1 A to D Frequency Response Laser diode 2 0 -2 CXA2586M Gain [d...
Description Ultrahigh-Speed (100 MHz) Photodetector IC

File Size 40.87K  /  2 Page

View it Online

Download Datasheet

    LT3042MPDDPBF LT3042MPDDTRPBF LT3042HMSETRPBF LT3042HMSEPBF

Linear Technology
Part No. LT3042MPDDPBF LT3042MPDDTRPBF LT3042HMSETRPBF LT3042HMSEPBF
OCR Text ...on 20v, 200ma, ultralow noise, ultrahigh psrr rf linear regulator the lt ? 3042 is a high performance low dropout linear regulato...frequency (hz) 40 psrr (db) 80 120 60 100 10 100 10k 100k 1m 10m 3042 ta01b 20 1k 30 70 110 50 90 v ...
Description 20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator

File Size 477.03K  /  30 Page

View it Online

Download Datasheet

    KV1701

Microsemi Corporation
Part No. KV1701
OCR Text ...lications Octave Tuning Range Ultrahigh Q Tough MIL-Spec Glass Passivation Precision Grown Junction Epitaxy Available with 5% Tolerance...frequency modulators as well as analog phase shifters, receiver preselectors, and active antenna mat...
Description VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM

File Size 95.59K  /  3 Page

View it Online

Download Datasheet

    KV2161-00 KV2121 KV2121-00 KV2151-00 KV2131-00 KV2141-00 KV2131 KV2111-00 KV2151 KV2141 KV2161

MICROSEMI CORP-LOWELL
Microsemi Corporation
Part No. KV2161-00 KV2121 KV2121-00 KV2151-00 KV2131-00 KV2141-00 KV2131 KV2111-00 KV2151 KV2141 KV2161
OCR Text ...lications Octave Tuning Range Ultrahigh Q Available With 5% CT Tolerance www.MICROSEMI.com APPLICATIONS Ultrahigh Q and excellent ...frequency modulators results when these diodes are tuned over a 3 to 8 volt bias range. APPLICATI...
Description C BAND, 4.9 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE
VARACTOR DIODES Microwave Hyperabrupt Junction

File Size 71.60K  /  2 Page

View it Online

Download Datasheet

    AD800904 AD8009ACHIPS AD8009JRT-R2 AD8009JRT-REEL AD8009JRT-REEL7 AD8009JRTZ-REEL AD8009ARZ-REEL AD8009AR-REEL AD8009AR-

Analog Devices, Inc.
Part No. AD800904 AD8009ACHIPS AD8009JRT-R2 AD8009JRT-REEL AD8009JRT-REEL7 AD8009JRTZ-REEL AD8009ARZ-REEL AD8009AR-REEL AD8009AR-REEL7 AD8009ARZ-REEL7 AD8009JRTZ-REEL7 AD8009JRTZ-R2 AD8009
OCR Text Ultrahigh Speed 5,500 V/ s Slew Rate, 4 V Step, G = +2 545 ps Rise Time, 2 V Step, G = +2 Large Signal Bandwidth 440 MHz, G = +2 320 MHz, G ...frequency. This distortion performance coupled with the current feedback architecture make the AD800...
Description 1 GHz, 5,500 V/?Low Distortion Amplifier
1 GHz, 5,500 V/µs Low Distortion Amplifier
1 GHz, 5,500 V/Я Low Distortion Amplifier
1 GHz, 5,500 V/ Low Distortion Amplifier
1 GHz, 5,500 V/?/a> Low Distortion Amplifier
1 GHz, 5,500 V/&#181;s Low Distortion Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Commercial 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
1 GHz, 5,500 V/&#181;s Low Distortion Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO8

File Size 390.20K  /  16 Page

View it Online

Download Datasheet

For ultrahigh-frequency Found Datasheets File :: 233    Search Time::6.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ultrahigh-frequency

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9565939903259