PART |
Description |
Maker |
W921E400A W921C400 |
4-BIT MCU w/4Kx10 FLASH, 512x4 RAM, 21 I/Os, DTMF 4-BIT MCU w/4Kx10 ROM, 512x4 RAM, 21 I/Os, DTMF
|
Winbond Electronics
|
ADUC844 ADUC844BCP32-3 ADUC844BCP32-5 ADUC844BCP62 |
MicroConverter/ Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter? 1-Cycle 8052 MCU 24-Bit ADC 16-Bit ADC 12-Bit DAC 62 K-Byte Flash MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
|
AD[Analog Devices]
|
ST72361 ST7236107 ST72F361 |
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI(具有ICP,IAP,Nested Interrupt,TLI,ROP,带LIN功能位MCU) 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI垄芒
|
意法半导 STMicroelectronics
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
PIC16F74 PIC16F74I_L PIC16F74I_P PIC16F74I_PT PIC1 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers IC-SMD-8-BIT MCU
IC-8-BIT MCU
|
Microchip Technology
|
STM8S103K3T6C STM8S103F3M3 STM8S103F2 STM8S103K3T3 |
Mainstream Access line 8-bit MCU with 4 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
ST Microelectronics STMicroelectronics
|
AT89C51ED2-RDTUM AT89C51ED2-SMSUM AT89C51RD2 AT89C |
IC 8051 MCU FLASH 64K 68PLCC 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC68 8-bit Flash Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
BUT76 BUT76A |
Silicon NPN Power Transistors 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 晶体管|晶体管|叩| 450V五(巴西)总裁| 12A条一(c)|20 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI"
|
Vishay Telefunken STMicroelectronics N.V.
|
ATMEGA168PV ATMEGA88PV ATMEGA88PV-10PU ATMEGA88PV- |
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash 10 MHZ, PDIP, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC32
|
ATMEL Corporation Atmel, Corp.
|
AT89C51RE2-SLSEM AT89C51RE2-SLSUM |
MCU 8BIT FLASH 2.7-5.5V 44-PLCC 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC44 8-bit Flash Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
|