PART |
Description |
Maker |
M62332FP M62337FP M62337P M62332P M62332E |
8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 8-BIT 2CH IC BUS D-A CONVERTER WITH BUFFER AMPLIFIERS From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
74VHCT16240A 7827 74VHCT16240ATTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED) From old datasheet system 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
|
ST Microelectronics STMicroelectronics
|
74VHC16240 8465 74VHC16240TTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED) From old datasheet system 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
|
ST Microelectronics STMicroelectronics
|
74LVQ541TTR 74LVQ541 74LVQ541MTR |
LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NO INVERTED) OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CWR09CK105JSA CWR09CC105MDB CWR09CC105MDC CWR09CC1 |
4-channel I2C-bus switch with interrupt logic and reset, SOT360-1 (TSSOP20), Reel Pack, SMD, 13" 40 V PNP BISS loadswitch, SOT666 (SS-Mini), Tape reel smd Tantalum Surface Mount Capacitor 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT96-1 (SO8), Tube 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT505-1 (TSSOP8), Reel Pack, SMD, 13" 表面贴装钽电
|
KEMET Corporation
|
74LVX16244 74LVX16244TTR |
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED), 5V TOLERANT INPUTS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED), 5V TOLERANT INPUTS 16-BIT BUS BUFFER (NON INVERTED) WITH 3-STATE OUTPUTS, 5V TOLERANT INPUT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74ACT16244 74ACT16244TTR |
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) 16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TC74VCXH162244FT |
Low-Voltage 16-Bit Bus Buffer with Bushold
|
Toshiba Semiconductor
|
74AC16244TTR |
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) 16-BIT BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics
|
MAX7524CPE MAX7524CSE MAX7524EPE MAX7524MJE MX7524 |
CMOS 8-Bit Buffered Multiplying DACs Quadruple Bus Buffer Gates With 3-State Outputs 20-LCCC -55 to 125 的CMOS 8位缓冲乘法数模转换器 Quadruple Bus Buffer Gates With 3-State Outputs 14-CFP -55 to 125 的CMOS 8位缓冲乘法数模转换器
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|