Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
  non Datasheet PDF File

For non Found Datasheets File :: 162756    Search Time::2.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    保险
3M Company
Part No. non-1 non-2 non-3 non-6 non-7 non-4 non-5 non-8 non-110 NOS-15 NOS-7 non-20 non-15 non-10 non-150 non-250 non-350 non-450 non-50 non-500 non-21/2 non-300 non-11/4 NOS-30 NOS-300 NOS-20 non-200 NOS-110 non-16/10 non-11/2
OCR Text ...0V) 1.34" (600V) 70A to 100A non and NOS All diameters ( 0.008) 5" (600V) ( 0.031) 0.81" ( 0.008) to 30A 5.5" (600V) ( 0.031) 1.06" ( 0.008) 35A to 60A 7.13" (250V) ( 0.062) 9.63" (600V) ( 0.062) 1.56" (250V) 1.84" (600V) 110A to 20...
Description Fuse 保险

File Size 70.38K  /  2 Page

View it Online

Download Datasheet





    NON-150 NON-8

Cooper Bussmann, Inc.
Part No. non-150 non-8
OCR Text ... description: general purpose, non-current-limiting fuses. dimensions: see page 11 for dimensions. ratings: volts non: 250vac 125vdc (0-100a) nos: 600vac amps 1 ? 8 -600a ir 50,000a rms sym. (non & nos class k5 0-60a) 10,000a r...
Description ELECTRIC FUSE, 150A, 250VAC, 125VDC, 10000A (IR), INLINE/HOLDER
Cartridge Fuse; Current Rating:8A; Voltage Rating:250VAC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:non RoHS Compliant: No ELECTRIC FUSE, 8A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER

File Size 57.61K  /  1 Page

View it Online

Download Datasheet

    NON-1-6/10 NON-350 NON-250 NON-450 NON-50 NON-500 NON-6 NON-600 NON-65

TE Connectivity, Ltd.
Cooper Bussmann, Inc.
MITSUMI ELECTRIC CO., LTD.
Part No. non-1-6/10 non-350 non-250 non-450 non-50 non-500 non-6 non-600 non-65
OCR Text ... one-time general purpose fuses non and nos 250 and 600 volts, ? to 600 amps form no. non/ nos page 1 of 2 data sheet: 1030 bussmann
Description ELECTRIC FUSE, 1.6A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 350A, 250VAC, 10000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 250A, 250VAC, 10000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 450A, 250VAC, 10000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 50A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 500A, 250VAC, 10000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 6A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 600A, 250VAC, 10000A (IR), INLINE/HOLDER
ELECTRIC FUSE, 65A, 250VAC, 125VDC, 10000A (IR), INLINE/HOLDER

File Size 89.56K  /  2 Page

View it Online

Download Datasheet

    NON-300 NON-2 NON-100 NON-4 NON-1/8 NON-225 NON-350 NON-32/10 NON-21/2 NON-16/10 NON-110

Cooper Bussmann, Inc.
Part No. non-300 non-2 non-100 non-4 non-1/8 non-225 non-350 non-32/10 non-21/2 non-16/10 non-110
OCR Text 0 7 1 3 b u - s b 1 3 7 3 8 p a g e 1 o f 4 d a t a s h e e t # 1 0 3 0 n o n / n o s , 6 0 0 / 2 5 0 v a c c l a s s k 5 & h n o n ( 2 5 0 v ) 1 M 8 - 6 0 0 a , g e n e r a l p u r p o s e f u s e s d e s c...
Description non/NOS, 600/250Vac Class K5 H
   non (250V) 1?-600A, General Purpose Fuses

File Size 273.41K  /  4 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8603
OCR Text ... o high performance ? non - blocking switch fabr ic ? full line rate on all ports ? packet cut - thru with 250ns max packet l atency (x1 to x1) ? 256b max payload siz e o f lexible configuration ? ports c...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 248.58K  /  3 Page

View it Online

Download Datasheet

    PY264-35PC PY264-35PM PY264-35PMB PY264-35WC PY264-35WM PY264-35WMB PY264-45PC PY264-45PM PY264-45PMB PY264-45WC PY264-4

Pyramid Semiconductor C...
Pyramid Semiconductor Corporation
Part No. PY264-35PC PY264-35PM PY264-35PMB PY264-35WC PY264-35WM PY264-35WMB PY264-45PC PY264-45PM PY264-45PMB PY264-45WC PY264-45WM PY264-45WMB PY264-55PC PY264-55PM PY264-55PMB PY264-55WC PY264-55WM PY264-55WMB PY264
OCR Text ...indowed CERDIP - 24-Pin 600 mil non-Windowed Plastic DIP DESCRIPTION The PY264 is an 8Kx8 CMOS PROM. The device is available in windowed packages which when exposed to UV light, the memory content in the PROM is erased and can be reprog...
Description    8K X 8 REPROGRAMMABLE PROM

File Size 132.12K  /  8 Page

View it Online

Download Datasheet

    RHF1201KSO-01V RHF1201KSO1 RHF1201KSO2 RHF1201

STMicroelectronics
Part No. RHF1201KSO-01V RHF1201KSO1 RHF1201KSO2 RHF1201
OCR Text ... Observation 0V 0V 2.5 V/3.3 V non connected non connected CMOS output (2.5 V/3.3 V) CMOS output (2.5 V/3.3 V) CMOS output (2.5 V/3.3 V) CMOS output (2.5 V/3.3 V) CMOS output (2.5 V/3.3 V) CMOS output (2.5 V/3.3 V) CMOS output (2.5 V/3.3 V...
Description Rad-hard 12-bit 0.5 to 50 Msps A/D converter

File Size 160.59K  /  18 Page

View it Online

Download Datasheet

    2SA2057

PANASONIC[Panasonic Semiconductor]
Part No. 2SA2057
OCR Text ...l Connection C B E Note) *: non-repetitive peak collector current Electrical Characteristics TC = 25C 3C Parameter Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current...
Description Silicon PNP epitaxial planar type

File Size 72.39K  /  3 Page

View it Online

Download Datasheet

    RM20TPM-24 RM20TPM-2402

Mitsubishi Electric Semiconductor
Part No. RM20TPM-24 RM20TPM-2402
OCR Text ...Repetitive peak reverse voltage non-repetitive peak reverse voltage Recommended AC input voltage Voltage class 24 1200 1350 370 2H 1600 1700 440 Unit V V V Symbol IO IFSM I2t f Tj Tstg Viso Parameter DC output current Surge (non-repet...
Description HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE

File Size 36.03K  /  3 Page

View it Online

Download Datasheet

    SA75A SA58A SA30A SA24A SA12CA SA120A SA18A SA15A SA75CA SA12A SA6.5A SA33A SA28A SA5.0A SA8.5A SA22A SA36A SA6.0A SA16A

TAITRON Components Incorporated
Part No. SA75A SA58A SA30A SA24A SA12CA SA120A SA18A SA15A SA75CA SA12A SA6.5A SA33A SA28A SA5.0A SA8.5A SA22A SA36A SA6.0A SA16A SA110CA
OCR Text ...ions Minimum 500 Watts non-repetitive current pulse See Table Amps non-repetitive current pulse 3 Watts At TL(Lead Temperature)=75C (1) 8.3ms single half sine-wave superimposed on rated load (JEDEC method) (2) ...
Description 500W Glass Passivated Junction Transient Voltage Suppressor

File Size 266.70K  /  6 Page

View it Online

Download Datasheet

For non Found Datasheets File :: 162756    Search Time::2.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of non

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.73290181159973