PART |
Description |
Maker |
UNR9216 UNR9213 UNR9215 UNR9214 UNR9210 UNR9211 UN |
Transistors with built-in Resistor ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-416 UNR921X Series (UN921X Series) - NPN Transistor with built-in Resistor DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 416
|
Matsshita / Panasonic Panasonic, Corp.
|
PDTC114E PDTC114EE PDTC114EEF PDTC114EK PDTC114EM |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 10 kOhm NPN配电阻型晶体R1=10千欧姆,R2=10千欧 NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ NPN resistor-equipped transistor; R1 = 10 k楼?, R2 = 10 k楼?
|
NXP Semiconductors N.V.
|
PDTC144E PDTC144EU PDTC144EE PDTC144EEF PDTC144EK |
PDTC144E series; NPN resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PDTC124EU PDTC124E PDTC124EE PDTC124EEF PDTC124EK |
PDTC124E series; NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
EMG2DXV5T5 EMG2DXV5T1 EMG2DXV5T1G EMG2DXV5T5G EMG5 |
Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ONSEMI[ON Semiconductor]
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PDTC124XK PDTC124XM PDTC124XU PDTC124XT |
PDTC124X series; NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm
|
Philips
|
DTC123JKAT146 DTC123JUB DTC123JETL |
DTC123J series NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
|
Rohm
|
EMC4DXV5T5G |
Dual Common Base−Collector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
UP1/4TA62.60.05A UP1/4TB62.60.05A UP1/4TB62.60.05R |
RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 62.6 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 62.6 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 1 %, 50 ppm, 3.7 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 48.1 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 37.9 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 10.6 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 36.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3970 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 36.1 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 35.7 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 52300 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3570 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 36500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3650 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3830 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 35700 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 36100 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 8250 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 6650 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 20.8 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 20800 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3610 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 37.4 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3740 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 4750 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3790 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 20.3 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 20300 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 7590 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 8450 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 6570 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3920 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 7500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 42700 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 42.7 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3700 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 3880 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 4590 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 7150 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.5 W, 1 %, 50 ppm, 3.7 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 8560 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 52.3 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 4530 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 62600 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 20.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 35.7 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 47500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 37900 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 71500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 66500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 8350 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 37400 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 20500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 38.3 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 12.6 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 3440 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 3360000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 12.1 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 3360 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 36.1 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 38300 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 10.2 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 11.1 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 13.2 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 1110 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 1210 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 10.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 10500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 101000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 111 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 114000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 121 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 121000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 20500 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 218000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 21000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 12.9 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 1 %, 50 ppm, 15.6 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.1 %, 15 ppm, 15.6 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 10 ppm, 113 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, METAL FILM, 0.25 W, 0.05 %, 5 ppm, 56.2 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Stackpole Electronics, Inc.
|
|