PART |
Description |
Maker |
LTC4442-1 LTC3880 LTC3860 LTC3861 LTC3861-1 LTC386 |
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
|
Linear Technology
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
LTC3811EG-PBF LTC3811 LTC3811EG-TRPBF LTC3811EUHFP |
High Speed Dual, Multiphase Step-Down DC/DC Controller; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PQCC38
|
Linear Technology, Corp.
|
LTC3892-2 |
60V, Low IQ Multiphase Synchronous Step-Down Converter
|
Linear Technology
|
MAX1887EEE-T |
Quick-PWM Slave Controllers for Multiphase, Step-Down Supplies 40 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Products, Inc.
|
CHL8112B-00CRT |
Dual Loop, 4 1 multiphase AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
MFK2807D/883 MFK2805S/883 MFK2805D/883 MFK2812D/88 |
MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ?25 Watt
|
Interpoint Corporation ...
|
MAX1878 MAX1878EGC |
Dual-Output Step- Down and LCD Step-Up Power Supply for PDAs MAX1878 Dual-output Step-down And LCD Step-up Power Supply For Pdas From old datasheet system
|
Maxim Integrated Products
|
IR3565B |
Dual Loop, 4 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
EM12D15-750 EM24D15-750 EM48D15-750 EM12S15-1500 E |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 24-SOIC Synchronous Buck Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC Multi-Purpose Precision Multiphase PWM Controller With Optional Active Voltage Positioning; Temperature Range: -40°C to 85°C; Package: 20-QFN Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 28-SOIC Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 32-QFN 模拟IC Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R 模拟IC 3-in-1 ACPI Regulator/Controller for Dual Channel DDR and DDR2 Memory Systems; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 模拟IC
|
Electronic Theatre Controls, Inc. Electronic Devices, Inc. Square D by Schneider Electric
|
PS2805C-4-V-F3 PS2805C-4-V-F3-A PS2805C-1-V-F3-A P |
HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
|
California Eastern Labs
|