PART |
Description |
Maker |
BAS16HT1GH |
Switching Diode Lead free product Halogen-free type
|
Zowie Technology Corporation
|
TOP243F- TOP243F-TL TOP243FN- TOP243FN-TL TOP243G- |
2.16 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PSSO6 TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher 1.44 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 2.16 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 4.32 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 0.72 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 7.2 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 10.08 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN
|
Power Integrations, Inc. POWER INTEGRATIONS INC
|
BAS21HT1G |
HIGH VOLTAGE SWITCHING DIODE Lead free product
|
Zowie Technology Corporation
|
MMBD7000LT1G MMBD7000LT1G09 MMBD7000LT3G |
Dual Switching Diode These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
|
ON Semiconductor
|
BAT54SWGH |
Schottky Barrier Diode Lead free product Halogen - free type
|
Zowie Technology Corporation
|
LTC3891MPFETRPBF |
SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO20 4.40 MM, LEAD FREE, PLASTIC, TSSOP-20
|
Linear Technology, Corp.
|
SP6669BEK-L/TR |
1.3 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN
|
Exar, Corp.
|
BAS31613 |
High Speed Switching Diode 400mW Lead Free Finish/RoHS Compliant (P Suffix designates RoHS Compliant. See ordering information)
|
Micro Commercial Components List of Unclassifed Manufacturers
|
PST7040M PST7022M PST7026M PST7025M PST7021M PST70 |
Analog IC -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7324D1 with Lead Free Packaging 30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7353D1 with Lead Free Packaging 30V FETKY - MOSFET and Schottky Diode in a SO-8 package; A IRF7353D1 with Standard Packaging -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; A IRF7324D1 with Standard Packaging -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; A IRF7324D1 with Tape and Reel Packaging 30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7421D1 with Lead Free Packaging -30V FETKY - MOSFET and Schottky Diode in a Micro 8 package; A IRF7526D1 with Standard Packaging -20V FETKY - MOSFET and Schottky Diode in a Micro 8 package; A IRF7534D1 with lead Free Packaging
|
|
B125C800DME3 B80C800DME3 |
DIODE 0.9 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE, LEAD FREE, PLASTIC, CASE DFM, 4 PIN, Bridge Rectifier Diode DIODE 0.9 A, 125 V, SILICON, BRIDGE RECTIFIER DIODE, LEAD FREE, PLASTIC, CASE DFM, 4 PIN, Bridge Rectifier Diode
|
Vishay Semiconductors
|
|