PART |
Description |
Maker |
90571-1261 |
QF50 Srd Hdr Vt W/ELv Yel .1Au 26Ckt 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
70555-0044 70555-0014 70555-0084 |
Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,LATCH 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr RA 120 TPg Tin 15Ckt 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr RA 120 TPg 30Au 15Ckt 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
70553-0014 70553-0108 70553-0021 70553-0115 70553- |
CONN HEADER 15POS .100 R/A GOLD 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:22; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr RA NPg 30 SAu 11Ckt 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr 120 RA 15 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd Hdr RA SR 30Au 13Ckt
|
Molex, Inc. MOLEX INC
|
90635-1101 90635-0201 90635-1261 |
1.27mm QF50 Rec Vt PrLd Polz .1GF 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 1.27mm QF50 Rec Vt Polz .1GF 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27mm QF50 Rec Vt PrLd Polz .1GF 26Ckt 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE
|
Molex, Inc.
|
COR3 COR3-869-5 COR3-869-5-SAL COR3-869-5-SAL-H CO |
NBFM Multi-channel receiver for 868MHz SRD band
|
Radiometrix Ltd
|
10-45-1061 10-45-1051 10-45-1151 10-08-1091 10-45- |
Header; Number of Contacts:6; Pitch Spacing:5.08mm; Number of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 15Ckt 15 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 9=9X1 0.200" HEADER 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 9Ckt 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 10081131 13 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK HDR VT RPIN VRA 5sN 17CKT 17 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA .5Au 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5.08mm KK Hdr Vt RPin VrA 5Sn 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
70551-0043 70551-0046 70551-0037 70551-0071 70551- |
SL R/A Latch Hdr /Split Pg 15 SAu 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,3 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,LOCKING MECH 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 30 SAu 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 705510002 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 20Ckt SL R/A Latch Hdr /Split Pg 15 SAu 8Ckt
|
Molex, Inc. MOLEX INC
|
27-62-4069 26-60-4180 26-60-4103 27-62-4079 26-63- |
KK 156 Hdr Assy FrLk 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:18; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Current Rating:7A; Voltage Rating:250V 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 07 Ckt Tin KK 156 Hdr Assy FrLk 03 Ckt 20 SGold KK 156 Hdr Assy FrLk 05 Ckt 20 SGold
|
Molex, Inc. MOLEX INC
|
NT90TNLASDC18VS NT90TNADDC6VC NT90TNADDC6VS NT90TN |
20,PG,OP,LL,THD INS,MTG FLNG FASTENER,3M,WHITE,#759NA, HOOK & LOOP,CARDED,2 PAIR 16,HDR,LP,STR,HT,.155,30AVG,RO HSN2520-6003RB,3M COMPANY 100 10,PG,CL,SL,NO MTG FLNG GLUE,3M,TAP.MIXING TIP,04902, SCOTCH-WELD,TAPERED MIXER TIP ** GLUE,3M,SUPER ADHES.,#6004, 30ML TUBE,CARDED 14,HDR,LP,STR,HT,.155, 30AVG,ROHSTAPE,3M,DOUBLE SIDED FOAM TAPE 1/16IN X 1IN X 6 YARDS TAPE,3M,DUCT,#3900-SILVER, 48mm x 54.8m,SILVER DUCT TAPE FASTENER,3M,BLACK,#762NA, DUAL LOCK,CARDED,2 PAIR FASTENER,3M,CLEAR,#761NA, DUAL LOCK,CARDED,2 PAIR FASTENER,3M,BLACK,#760NA, HOOK & LOOP,CARDED,2 PAIR 10/HDR/LP/RA/HT/.155/30AVG/ROH S26,HDR,LP,STR,HT,.155,30AVG,RO HEXFET POWER MOSFET IN A TO34/HDR/LP/RA/HT/.155/30AVG/ROH SEPS300 1,2 BK 48 IN 5700510,HDR,BX,STR,SNAPINSL,.112,30 AVG,60:4010/HDR/BX/STR/SNAPINLL/.112/30 AVG/60:4010/HDR/BX/STR/SL/.112/30AVG/60 :40Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications 适用于汽车,机械,电子设备,空调和家用电器应 HEAT SHRINK,FIT221-1/2-CLR, 6 IN,CLEAR POLYOLEFIN (14) 适用于汽车,机械,电子设备,空调和家用电器应
|
DB Lectro Inc. DB Lectro, Inc.
|
15-41-8310 15-29-7320 |
CGrid RA Shrd Hdr VerB 30 SAu 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 15 SAu 20Ckt
|
Molex, Inc. MOLEX INC
|
|