PART |
Description |
Maker |
045704-0010 |
Straight plug Grommet seal with strain relief Solder Cup / Pin / Layout: 14-19
|
ITT Industries
|
AIA-50L1-12-05-1-ZB AIA-50L1-24-16-1-ZB AIA-50L1-2 |
BACKSHELL 5015 SIZE 12 BACKSHELL 5015 SIZE 24 BACKSHELL 62GB SIZE 8 Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer PLUG GROMMET 5 WAY 62GB BACKSHELL 5015 SIZE 28 BACKSHELL 5015 SIZE 14 BACKSHELL 5015 SIZE 18 PLUG GROMMET 6 WAY 62GB PLUG GROMMET 32 WAY 62GB PLUG GROMMET 10 WAY 62GB PLUG GROMMET 3 WAY 62GB PLUG GROMMET 08 WAY 62GB PLUG GROMMET 26 WAY 62GB DUST CAP SIZE 16 62GB DUST CAP SIZE 08 62GB PLUG GROMMET 19 WAY 62GB Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 防尘盖尺10 62GB BACKSHELL 5015 SIZE 22 后壳5015尺寸22 BACKSHELL 62GB SIZE 10 后壳62GB尺寸10 BACKSHELL 62GB SIZE 12 后壳62GB尺寸12 BACKSHELL 62GB SIZE 14 后壳62GB尺寸14 BACKSHELL 62GB SIZE 16 后壳62GB尺寸16 BACKSHELL 62GB SIZE 18 后壳62GB尺寸18 Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 插座垫圈5未来2GB
|
Grayhill, Inc. Cinch Connectors TE Connectivity, Ltd. Amphenol, Corp.
|
R141.324.000 |
STRAIGHT BULKHEAD JACK PANEL SEAL
|
List of Unclassifed Manufacturers
|
SBRB-8156N |
Perma-Seal Snap Plug Receptacle for 14-16 AWG Wire, Diameter 3.96mm (.156)
|
Molex Electronics Ltd.
|
2042201110 |
Squba Sealed Receptacle Assembly, 1.80mm Pitch, 9 Circuits, Single Row, Seal Plug in Position 10
|
Molex Electronics Ltd.
|
71475-1001 |
LFH Vert Plug I/O Assembly 80Ckt 80 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
2730 2730-Z-4810-A-001500 2730-Z-4810-A-002500 273 |
2.5A, 250VAC, MALE, MAINS POWER CONNECTOR, PLUG ROHS COMPLIANT Interconnection Cord with IEC Plug C, Straight
|
SCHURTER AG Schurter Inc.
|
53481-1879 |
0.635 BtB ST Plug Hsg Assy180CktStickPkg 180 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
CRA06P0830000FTA CRA06P0830000FTC CRA06P0830000GTA |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 PT 3C 3#20 PIN PLUG 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 厚膜电阻阵列 PT 32C 32#20 PIN PLUG 厚膜电阻阵列 CAP 2.2PF 50V /-0.5PF NPO(C0G) SMD-0603 TR-7-PA 厚膜电阻阵列 Thick Film Resistor Array 厚膜电阻阵列 Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 1800uF; Voltage: 10V; Case Size: 12.5x20 mm; Packaging: Bulk
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. http:// Vishay Siliconix
|
|