PART |
Description |
Maker |
RIF-0-OPT-24DC |
Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
|
PHOENIX CONTACT
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
CD20CDW CD20CDY SCD21CDY CD00CFY CD01CFW CD01CFY C |
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay DC Solid-State Relay
|
Teledyne Technologies I... Willow Technologies Ltd
|
SSRF-240D25 SSRF-240D25R SSRF-480D25 SSRF-480D25R |
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink Solid State Relays
|
Tyco Electronics
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
SG-34FA240A40PSL SG-34FA240A40ZSL SG-34FA240A50PSL |
隆掳HOCKEY PUCK隆卤 SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS “HOCKEY PUCK SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
|
American Zettler, Inc.
|
VN450 VN45013TR |
THREE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics]
|
2W10 2W01 |
Solid-State Panel Mount Relay; RELAY SSR 25A 120VAC AC-INZERO-X
|
Bytes
|
CPC1977J |
i4-PACPower Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|
CPC1981Y |
Power SIP Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|