PART |
Description |
Maker |
IXDN55N120D1 IXDN55N120 |
IGBT Discretes: NPT IGBT High Voltage IGBT with optional Diode
|
IXYS[IXYS Corporation]
|
APT30GT60BRD |
The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs. Thunderbolt IGBT & FRED 600V 55A The Thunderbolt IGBT is a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBTis a new generation of high voltage power IGBTs.
|
ADPOW[Advanced Power Technology] Advanced Power Technology Ltd.
|
BUP313D Q67040-A4228-A2 BUP313-D |
From old datasheet system IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free) IGBT Duopack (IGBT with Antiparallel ...
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
HGTP10N120BN HGTG10N120BN HGT1S10N120BNS HGT1S10N1 |
1200V, NPT Series N-Channel IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 35 A, 1200 V, N-CHANNEL IGBT, TO-263AB 35A/ 1200V/ NPT Series N-Channel IGBT 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, NPT N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APT50GF60B2RD APT50GF60LRD |
Fast IGBT & FRED 600V 80A The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBT is a new generation of high voltage power IGBTs. Thin Film RF/Microwave Capacitor; Capacitance:3.9pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:50V; Package/Case:0603; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-55 C ⑩的快速IGBT是一种高压IGBT的新一代
|
ADPOW[Advanced Power Technology] Advanced Power Technology, Ltd.
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
IRS2332JTRPBF IRS2330D |
High Voltage High Speed power MOSFET and IGBT Driver. Compatible down to 3.3V Logic. Deadtime 0.7us. High Voltage High Speed power MOSFET and IGBT Driver with Integrated Bootstrap Diode. Compatible down to 3.3V Logic. Deadtime 2.0us.
|
International Rectifier
|
CMSD2005S |
SMD Switching Diode Dual: High Voltage: In Series SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
APT100GF60JRD |
The Fast IGBTis a new generation of high voltage power IGBTs. ⑩的快速IGBT是一种高压IGBT的新一代 The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBT is a new generation of high voltage power IGBTs. Fast IGBT & FRED 600V 140A
|
Advanced Power Technology, Ltd. ADPOW[Advanced Power Technology]
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
APT20GF120BR |
The Fast IGBT is a new generation of high voltage power IGBTs. Fast IGBT 1200V 32A
|
Advanced Power Technology Ltd.
|