PART |
Description |
Maker |
SS-73100-071 |
HIGH PERFORMANCE SHIELDED STACK JACK, 8 PORTS(4 ON 4) EIGHT CONTACT, EIGHT POSITION, 8 PORTS (4 ON 4)
|
Bel Fuse Inc.
|
BCM5324M |
SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS
|
ETC
|
BCM5348M BCM5348 |
From old datasheet system SINGLE-CHIP L2 MANAGED SWITCH WITH 48 10/100 PORTS FOUR GbE PORTS
|
Broadcom Corporation.
|
SBC86832DGGAF |
8 USB 2.0 ports and 2 IEEE 1394a ports
|
Axiomtek Co., Ltd.
|
ADSP-2184NBST-320 ADSP-2184NKST-320 ADSP-2185NBST- |
16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 256KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 160KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 20KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 40KB RAM DSP Microcomputer
|
Analog Devices
|
SBC84620 |
4 COM ports and 4 USB 2.0 ports
|
Axiomtek Co., Ltd.
|
74LCXR2245 74LCXR2245WM 74LCXR2245SJ 74LCXR2245MTC |
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26?Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26?/a> Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26з Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors on Both A and B Ports Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistors on Both A and B Ports Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 Single 8-bit Bus Transceiver Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26 Series Resistors on Both A and B Ports
|
Fairchild Semiconductor Corporation
|
PICO830 PICO830PGA-N2800 PICO830PGA-N2600 PICO830V |
2 COM ports
|
Axiomtek Co., Ltd.
|
NANO100 NANO100VPGGA-T56N |
6 USB 2.0 ports
|
Axiomtek Co., Ltd.
|
CAPA800 CAPA800VGGA-D410 CAPA800VGGA-D510 CAPA800V |
8 USB 2.0 ports
|
Axiomtek Co., Ltd.
|
EP850VGGA |
6 USB 2.0 ports
|
Axiomtek Co., Ltd.
|
|