PART |
Description |
Maker |
E526HN-100304 E526HN-100315 E526HNA-100314 E526HN- |
COIL .13UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .0437UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .137UH TYPE MC120 W/CASE SHIELDED, VARIABLE INDUCTOR COIL .118UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .29UH TYPE MC120 W/CASE SHIELDED, VARIABLE INDUCTOR COIL .211UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .0461UH TYPE MC120 W/O CASE UNSHIELDED, VARIABLE INDUCTOR COIL .141UH MC120 W/CASE SHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc.
|
558-7107 558-7107-07-00-00 |
Variable Coil, Shielded, Vertical, .09μH thru 1.1mΗ SHIELDED, 0.297 uH - 0.363 uH, VARIABLE INDUCTOR
|
CAMBION Electronic Components WEARNES CAMBION LTD
|
142-06J08SL 144-06J12L 143-16J12SL 142-06J08L 143- |
RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.22 uH - 0.248 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.193 uH - 0.306 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.638 uH - 0.801 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.275 uH - 0.355 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.315 uH - 0.423 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.115 uH - 0.121 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.382 uH - 0.422 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.391 uH - 0.493 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.693 uH - 0.846 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
KM51A1202N KM51A1202N-LFR KM51A1203N KM51A1203N-LF |
5mm Adjustable shielded IFT Coil
|
http:// Frontier Electronics.
|
4337-T003 |
SHIELDED, VARIABLE INDUCTOR
|
SUMIDA CORP
|
533-3651 |
Coil Form, Shielded, Vertical, .210 (5,33) Winding Diameter
|
CAMBION Electronic Components
|
533-4462 |
Coil Form, Shielded, Vertical, .210 (5,33) Winding Diameter
|
CAMBION Electronic Components
|
26S101C |
SHIELDED, 85 uH - 120 uH, VARIABLE INDUCTOR, SMD
|
C&D TECHNOLOGIES INC
|
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
|