PART |
Description |
Maker |
UC3655 |
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
|
Unisonic Technologies
|
LTC3542-1 LTC3542EDC-1-PBF LTC3542EDC-1-TRPBF |
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC1504A 1504AF |
500mA Low Voltage Step-Down Synchronous Switching Regulator From old datasheet system
|
Linear
|
LTC3630AEMSE LTC3630EMSE |
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
|
Linear Technology
|
LTC3526_LTC3526BNBSP |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN
|
Linear
|
LTM8021 LTM8021EV-PBF LTM8021IV-PBF LTM8021V |
36VIN, 500mA Step-Down DC/DC μModule 36VIN, 500mA Step-Down DC/DC レModule
|
http:// Linear Technology
|
LTC3526LBEDCTRMPBF LTC3526LEDCTRPBF LTC3526LB |
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN 500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.55 A SWITCHING CONTROLLER, 1250 kHz SWITCHING FREQ-MAX, PDSO6 500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm x 2mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.55 A SWITCHING CONTROLLER, 1250 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
MIC5209 MIC5209-1.8BM MIC5209-2.5BM MIC5209-2.5BS |
500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 4.5V to 20V, 3A Output Synchronous Step Down SWIFT Converter 1.8 Vout 16-HTSSOP -40 to 85 ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA Low-Noise LDO Regulator 4.2 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AAT1120 AAT1120IES-0.6-T1 |
500mA Step-Down Converter
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|
LTM8021 |
500mA Step-Down DC/DC Module
|
Linear Technology
|