PART |
Description |
Maker |
ST72F63BE6M1 ST72F63BK4M1 ST72F63BK6B1 ST72F63BD6U |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I虏C Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I2C
|
STMicroelectronics http://
|
ST72P63BK1B1 ST72P63BK1M1 ST72P63BK4M1 ST72P63BK2M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
ST Microelectronics
|
ST7263BK2B1/GEN ST7263BK4 ST72P63BK2B1 ST72P63BK4B |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
ULS-2813H-883 ULS-2823H-883 ULS-2803H-883 ULS-2814 |
ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C ST6253C/ST6260C/ST6263C - 8-BIT OTP/EPROM/FASTROM/ROM MCUS WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT Octal D type flip flop TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE 八进制外设驱 Single inverter (open drain) 八进制外设驱 ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 八进制外设驱 WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 八进制外设驱
|
Allegro MicroSystems, Inc.
|
C8051F387-GQ C8051F387-GM C8051F383-GQ C8051F383-G |
Full Speed USB Flash MCU Family
|
Silicon Laboratories
|
C8051F340 C8051F340-GQ C8051F345-GQ C8051F3400608 |
Full Speed USB Flash MCU Family
|
SILABS[Silicon Laboratories]
|
ST72621J2B1 ST72621J2T1L ST72621L4M1 ST72621J4T1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics SGS Thomson Microelectronics
|
ST7FSCR1E4M1 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
|
ST Microelectronics
|
ST72622L2M1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 低速USB 8 3端点,Flash或ROM存储器,内径,水分散粒剂0位ADC2个定时器,脊髓损伤和SPI位微控制
|
STMicroelectronics N.V.
|
CY7C65631-56LTXC CY7C65631-56LTXCT CY7C65621-56LTX |
EZ-USB HX2LP Lite?/a> Low Power USB 2.0 Hub Controller Family EZ-USB HX2LP(TM) Low-Power USB 2.0 Hub Controller Family; Development Kit: N/A; Hub Ports: 4; USB Application: High Speed Hub; UNIVERSAL SERIAL BUS CONTROLLER, QCC56 EZ-USB HX2LP(TM) Low-Power USB 2.0 Hub Controller Family; Development Kit: N/A; Hub Ports: 2; USB Application: High Speed Hub; UNIVERSAL SERIAL BUS CONTROLLER, QCC56 EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
|
Cypress Semiconductor, Corp.
|
|