PART |
Description |
Maker |
DSA-146 |
Pluggable engine box: Easy system configuration and maintenance
|
Axiomtek Co., Ltd.
|
OPS871-HM |
pluggable HDD and easy-to-change DRAM
|
Axiomtek Co., Ltd.
|
OPS870-HM |
pluggable HDD and easy-to-change DRAM
|
Axiomtek Co., Ltd.
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
AT-220 AT-101 AT-102 AT-100 AT-210 AT-303 AT-306 A |
ER 3C 2#16 1#0 SKT RECP BOX ER 4C 4#8 SKT RECP BOX ER 9C 8#16 1#8 SKT RECP BOX ER 8C 8#12 SKT RECP ER 7C 7#16 PIN RECP BOX Fixed Attenuators (SMA Type) 固定衰减器(SMA型)
|
Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
T8200 |
Patented, Absorption Infrared Gas sensing engine sensing engine provides high accuracy in a compact low cost package
|
Amphenol Corporation
|
SH7750R SH7750S HD6417750SVBT133 HD6417750SVF133 H |
SuperH RISC engine Coating TAP RESIN SPLICE KIT SuperH RISC engine SuperH RISC引擎
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
ACE1502VN14 ACE1502VN ACE1502EN ACE1502 ACE1502EM |
Arithmetic Controller Engine for Low Power Applications Arithmetic Contoller Engine (ACEx) for Ultra-Low Voltage Applications
|
FAIRCHILD[Fairchild Semiconductor]
|
HD6417020SX20I HD6437020 HD6437020VX HD6437020VXI |
SuperH⑩ RISC engine SuperH??RISC engine SuperH RISC engine
|
HITACHI[Hitachi Semiconductor]
|
HFBR-5710L HFBR-5710LP HFBR-0571 |
HFBR-0571 · Evaluation Kit for Small Form Factor Pluggable (SFP) Gigabit Ethernet and Fibre Channel Applications HFBR-5710L · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Standard delatch HFBR-5710LP · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Bail-wire delatch Small Form Factor Pluggable Optical Transceiver for Gigabit
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
LM2574-12 LM2574-15 LM2574-3.3 LM2574-5 LM2574-ADJ |
EASY SWITCHERE 0.5 A STEP-DOWN VOLTAGE REGULATOR Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 EASY SWITCHERE0.5 A STEP-DOWN VOLTAGE REGULATOR SWITCHERE.5降压稳压 OSC 5V 8PIN CMOS SWITCHERE.5降压稳压
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
516-3086-ND |
Pluggable 100G Ethernet Optical Transceiver CFP2, 850 nm, 100GBASE-SR10 Compliant Pluggable 100G Ethernet Optical Transceiver
|
AVAGO TECHNOLOGIES LIMITED
|