PART |
Description |
Maker |
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
AD7533 AD7533AQ AD7533BQ AD7533CQ AD7533JN AD7533J |
10-Bit, Multiplying DAC CMOS LOW COST 10-BIT MULTIPLYING DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDIP16 CMOS LOW COST 10-BIT MULTIPLYING DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PQCC20
|
Intersil Corporation AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AD7533KRZ-REEL AD7533JP-REEL AD7533KR-REEL AD7533T |
CMOS Low Cost, 10-Bit Multiplying DAC; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDSO16 CMOS Low Cost, 10-Bit Multiplying DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PQCC20
|
Analog Devices, Inc.
|
AD7528 AD7528AQ AD7528BQ AD7528CQ AD7528JN AD7528J |
Replaced by ADS8504 : 12-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-PDIP CMOS Dual 8-Bit Buffered Multiplying DAC
|
Analog Devices, Inc. AD[Analog Devices]
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
AD7628TE AD7628KP-REEL AD7628KR-REEL AD7628KRZ |
CMOS Dual 8-Bit Buffered Multiplying DAC
|
Analog Devices, Inc.
|
WM2617CD WM2617 WM2617ID |
From old datasheet system DUAL 10-BIT SERIAL INPUT VOLTAGE DAC Dual 10-Bit Serial DAC with Power Down TVS UNIDIR 600W 8.5W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
AD7112 AD7112BR |
LC2MOS LOGDAC Dual Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO20 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Dual CMOS Multiplying DAC with Anti-Log Transfer Function for Audio Volume Control Applications
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MX7537JEWG MX7537JEWGT MX7537JEWG-T MX7547JEWG MX7 |
CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC
|
MAXIM - Dallas Semiconductor
|
AD1868N AD1868R AD1868N-J AD1868R-J |
Single Supply Dual 18-Bit Audio DAC DUAL, SERIAL INPUT LOADING, 18-BIT DAC, PDSO16 Single Supply Dual 18-Bit Audio DAC DUAL, SERIAL INPUT LOADING, 18-BIT DAC, PDIP16
|
Analog Devices, Inc. http://
|
MX7548 MX7548AQ MX7548BQ MX7548JCWP MX7548JN MX754 |
CMOS 8-Bit μP Compatible 12-Bit DAC CMOS 8-Bit P Compatible 12-Bit DAC From old datasheet system CMOS 8-Bit レP Compatible 12-Bit DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962-89657023A 5962-8965703LX |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure
|
Analog Devices
|