PART |
Description |
Maker |
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
BYV34300M BYV34-500M BYV34-300M BYV34-400M BYV34-3 |
400V, 2x10A Dual Fast Recovery common cathode Rectifier diode 300V, 2x10A Dual Fast Recovery common cathode Rectifier diode HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS 5.0 AMP POSITIVE VOLTAGE REGULATOR 500V, 2x10A Dual Fast Recovery common cathode Rectifier diode
|
SemeLAB SEME-LAB[Seme LAB]
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
FS1A FS1B FS1D FS1G FS1J FS1K FS1M |
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts FAST RECOVERY RECTIFIER
|
Shenzhen Ping Sheng Electronics Co., Ltd. PFS & MIC
|
85EPF02J 85EPF06J 85EPF02 85EPF04 85EPF04J 85EPF06 |
DIODE 85 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC, POWIRTAB-1, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 200V Fast Recovery Diode in a PowIRtab package 600V Fast Recovery Diode in a PowIRtab package Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial
|
Vishay Semiconductors IRF[International Rectifier]
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
FFA15U40DN FFA15U40DNTU |
15A/400VUltra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER Ultrafast with soft recovery
|
FAIRCHILD[Fairchild Semiconductor]
|
FFPF06U20DP FFPF06U20DPTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 6A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
FR303 FR304 FR307 FR301 FR302 FR305 FR306 |
3.0 AMP FAST RECOVERY RECTIFIERS
|
BYTES[Bytes]
|
FSDG-800-2B FSDG-800-1B |
8 AMP FAST RECOVERY RECTIFIERS
|
DIOTEC Electronics Corporation
|
FR105 FR103 FR104 FR101 FR107 FR102 FR106 |
1.0 AMP FAST RECOVERY RECTIFIERS
|
FORMOSA[Formosa MS]
|