PART |
Description |
Maker |
87760-5017 87760-5016 87760-0817 |
2mm Mgrid Hdr D.R. RA .76AuLF 50Ckt 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr D.R. RA .38AuLF 50Ckt 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr D.R. RA .76AuLF 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
87832-3221 87832-4021 |
MGrid Hdr Shrd SMT/Slot/Pg .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT MGrid Hdr Shrd SMT/Slot/Pg .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
70247-3452 70247-2452 70247-4451 70247-1604 70247- |
702473452 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd R.A /OStdf .76AuLF 24Ckt 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd R.A /OStdf .38AuLF 44Ckt 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd R.A. W/OStdf .13Au 16Ckt 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd R.A /OStdf .76AuLF 40Ckt 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd R.A /OStdf .38AuLF 40Ckt 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd R.A /OStdf .76AuLF 16Ckt 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
20E4 |
CONN/36 POS HDR USHRD SGL STR Low Forward Voltage drop Diode
|
Nihon Inter Electronics Corporation
|
Z8S18033VEC Z8S18006VEC Z8S18020VEC Z8S18010PEC Z8 |
ENHANCED Z180 MICROPROCESSOR CONN HDR INVERSE 30POS 5ROW R/A ENHANCED Z180 MICROPROCESSOR 强化Z180微处理器 CONN POWER HEADER 4ROW 8POS P-F 8-BIT, MICROPROCESSOR, PQCC68 Moldable Putty Stick; Pack Quantity:1 RoHS Compliant: Yes 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64
|
ZiLOG, Inc.
|
87587-2149 87587-2057 |
1.27mm 25DegDimmCtr/L2.79 .76AuLF 168Ckt 168 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SOLDER 1.27mm 25DegDimm LT/L3.18 .38AuLF 168Ckt 168 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SOLDER
|
Molex, Inc.
|
91322-0023 |
Smart Card Fric THole NPgs SBs 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE PCMCIA CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
HDR-SR12E |
(HDR-SR11E / HDR-SR12E) Digital HD Video Camera Recoder
|
Sony
|
IMP809 IMP809JEUR-T IMP809LEUR-T IMP809MEUR-T IMP8 |
3-Pin Microcontroller Power Supply Supervisor 3引脚微控制器电源监控 093 Pwr Conn Rcpt Free Hng 2Ckt 3引脚微控制器电源监控
|
IMP[IMP, Inc] A1 PROs co., Ltd. IMP INC.
|
MB15F03SLPV1 MB15F03SLPFV1 |
CONN,HDR,9POS,RT,ANG,.1SP PLL FREQUENCY SYNTHESIZER, 1750 MHz, PDSO16 Dual Serial Input PLL Frequency Synthesizer
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
|