PART |
Description |
Maker |
UPD424402LB-70L UPD424402V-60 UPD424402V-60L UPD42 |
COMLINK SERIES 1:10 Clock Fanout Buffer with Output Enable ComLink Series 1:4 Clock Fanout Buffer ComLink Series 1:8 Clock Fanout Buffer ComLink Series High-drive Two-Channel LVDS Repeater/Mux x4 Static Column Mode DRAM x4静态列模式DRAM COMLINK™ SERIES 1:10 Clock Fanout Buffer with Output Enable ComLink™ Series 1:8 Clock Fanout Buffer
|
TE Connectivity, Ltd.
|
IDT5T9306NLI8 |
2.5V LVDS 1:16 Clock Buffer TeraBuffer II
|
IDT
|
ICS8516I ICS8516FYI ICS8516FYILF ICS8516FYILFT ICS |
Low Skew, 1-to-16, LVDS Fanout Buffer. Industrial Temperature. LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
|
ICST[Integrated Circuit Systems]
|
IDT5T93GL10NLI8 |
2.5V LVDS 1:10 Glitchless Clock Buffer TeraBuffer II
|
IDT
|
IDT5T9304PG IDT5T9304PGG 5T9304PGGI |
LVDS, 1:4 Clock Buffer Terabuffer 5T SERIES, LOW SKEW CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO24
|
INTEGRATED DEVICE TECHNOLOGY INC
|
ADCLK854 ADCLK854_PCBZ ADCLK854BCPZ ADCLK854BCPZ-R |
1.8 V, 12-LVDS/24-CMOS Output, Low Power Clock Fanout Buffer
|
Analog Devices
|
SY89873LMG SY89873LMGTR SY89873LMI SY89873LMITR SY |
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
|
MICREL[Micrel Semiconductor]
|
SY89872UMI SY89872UMITR SY89872UMG SY89872UMGTR SY |
2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
|
MICREL[Micrel Semiconductor]
|
550PC074M250DG 550PC074M250DGR 550PC074M176DGR 550 |
VCXO, CLOCK, 74.25 MHz, CMOS OUTPUT ROHS COMPLIANT PACKAGE-6 VCXO, CLOCK, 74.176 MHz, CMOS OUTPUT ROHS COMPLIANT PACKAGE-6 VCXO, CLOCK, 125 MHz, LVDS OUTPUT ROHS COMPLIANT PACKAGE-6 VCXO, CLOCK, 11.2896 MHz, CMOS OUTPUT VCXO, CLOCK, 148.351 MHz, LVDS OUTPUT VCXO, CLOCK, 147.456 MHz, LVDS OUTPUT VCXO, CLOCK, 148.5 MHz, LVDS OUTPUT VCXO, CLOCK, 40.0079 MHz, CMOS OUTPUT VCXO, CLOCK, 61.44 MHz, CMOS OUTPUT VCXO, CLOCK, 1000 MHz, LVPECL OUTPUT VCXO, CLOCK, 92.16 MHz, LVDS OUTPUT VCXO, CLOCK, 250 MHz, LVPECL OUTPUT VCXO, CLOCK, 65.536 MHz, CMOS OUTPUT VCXO, CLOCK, 144.3 MHz, CMOS OUTPUT VCXO, CLOCK, 74.1758 MHz, CMOS OUTPUT VCXO, CLOCK, 66 MHz, CMOS OUTPUT
|
Silicon Laboratories, Inc.
|
SY89538L SY89538LHGTR SY89538LHG |
3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay
|
MICREL[Micrel Semiconductor]
|
LV8844DV-212.50M-T250 LV8844DEV-212.50M-T250 LV884 |
CRYSTAL OSCILLATOR, CLOCK, 212.5 MHz, LVDS OUTPUT ROHS COMPLIANT, CERAMIC, LCC-6 CRYSTAL OSCILLATOR, CLOCK, 106.25 MHz, LVDS OUTPUT LVDS Clock Oscillators
|
PLETRONICS INC Pletronics, Inc.
|
L334-155.52 L232-155.52 L312-155.52 L223-155.52 L1 |
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series CRYSTAL OSCILLATOR, CLOCK, 20 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, LVDS OUTPUT
|
Connor-Winfield Corporation CONNOR WINFIELD CORP
|
|