PART |
Description |
Maker |
42233-2 |
FASTON Uninsulated Receptacles & Housings; .205 FAST REC IS 18-14 TPBR ( AMP )
|
Tyco Electronics
|
178289-7 |
REC HSG FOR DYNAMIC DPUBLE ROW DYNAMIC D-3100 REC HSG
|
Tyco Electronics
|
87368-3425 87368-3225 87368-3825 87368-3424 87368- |
MGrid Rec S/E SMT D.R. .76AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 38Ckt 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 34POS 2MM SMD GOLD 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .38AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 42POS 2MM SMD GOLD 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 873681025 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
5KP7.0A 5KP6.0A 5KP8.0A 5KP6.5CA 5KP9.0CA 5KP8.0CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 DIODE FAST REC 400V 20A DO-5 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Littelfuse, Inc. Surge Components, Inc.
|
BA7757 BA7757BK A5801054 |
Switchless REC / PB amplifier for standard audio signal processing From old datasheet system Switchless REC / PB Amplifier for Standard Audio Signal Processing(用于标准音频处理的REC/PB放大
|
ROHM[Rohm] Rohm CO.,LTD.
|
GS1G-TP GS1M-TP GS1B GS1A-11 |
DIODE STD REC 1A 400V DO214AC 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214AC DIODE STD REC 1A 1000V DO214AC 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC 1 Amp Silicon Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
87263-4223 87263-0893 87263-1025 87263-1095 87263- |
MGrid B/E Rec SMT W/Pg .38AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E SMT W/Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E W/Cap T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
39-02-6025 39-02-6074 |
LP2.5 CRIMP REC. HSG W/L YEL 5264-02YE 2 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE LP2.5 CRIMP REC. HSG W/L 7 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
CPW2-0650-S006B |
Z-Rec? Rectifier
|
Wolfspeed
|
CXA1202Q-Z/R |
REC/PB Amplifier for VCR
|
SONY
|
TA8155 TA8155F TA8155FN E003708 TA81B5B5F TA81B5B5 |
From old datasheet system REC / PB SYSTEM DUAL PRE-AMPLIFIER (1.5 / 3V USE) REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
|
TOSHIBA[Toshiba Semiconductor]
|
521198-1 521198-2 |
Positive Lock Connectors; HSG.REC.POS-LOK.187 RED ( AMP ) Positive Lock Connectors; HSG.REC.POS-LOK.187 NAT. ( AMP )
|
Tyco Electronics
|
|