PART |
Description |
Maker |
CS5208-1-D CS5208-1GT3 |
8.0 A LDO 3-Pin Adjustable Linear Regulator 8A LDO 3-Pin Adjustable Linear Regulator
|
ON Semiconductor
|
CS52510-1-D |
10 A LDO 5-Pin Adjustable Linear Regulator
|
ON Semiconductor
|
CS52510-1 CS52510-1GT5 |
10A LDO 5-Pin Adjustable Linear Regulator
|
Cherry Semiconductor Co... CHERRY[Cherry Semiconductor Corporation]
|
CS5253-1GDPR5G CS5253-1 CS5253-1GDP5 CS5253-1GDPR5 |
3.0 A LDO 5−Pin Adjustable Linear Regulator
|
ONSEMI[ON Semiconductor]
|
CS5253B-1-D |
3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
|
ON Semiconductor
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
FAN1086M25X FAN1086M285X FAN1086M33X FAN1086M5X FA |
1.5A Adjustable/Fixed Low Dropout Linear Regulator Micropower 5V, 100mA Low Dropout Linear Regulator 1.5A Adjustable Low Dropout Voltage Regulator (LDO) ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
AV1085 AV1085S AV1085S3 AV1085T AV1085D |
3A Adjustable Low Dropout Linear Regulator (LDO) A可调低压差线性稳压器(LDO
|
AVICTEK[Avic Technology]
|
IRU1010CY IRU1010CP IRU1010CD IRU1010CS IRU1010CDT |
1A Adj LDO Linear Regulator in a SOT-223 3-Leads package 1A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 1A低压差型正,可调式稳压器
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
IRU1175CSTR IRU1175CMTR |
1.25 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO5 7.5A Adj LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier
|